Electronic Components Datasheet Search
  English  ▼

X  

DS80C320-ENG Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS80C320-ENG
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-ENG Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS80C320-ENG Datasheet HTML 16Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 17Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 18Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 19Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 20Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 21Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 22Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 23Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 24Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
DS80C320/DS80C323
20 of 42
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to (VCC + 0.5V)
Voltage on VCC Relative to Ground
-0.3V to +6.0V
Operating Temperature
-40
°C to +85°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
160
°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
DS80C320 DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Operating Supply Voltage
VCC
4.5
5.0
5.5
V
1
Power- fail Warning
VPFW
4.25
4.38
4.55
V
1
Minimum Operating Voltage
VRST
4.0
4.1
4.25
V
1, 12
Supply Current Active Mode
@ 25 MHz
ICC
30
45
mA
2
Supply Current Idle Mode
@ 25 MHz
IIDLE
15
25
mA
3
Supply Current Active Mode
@ 33 MHz
ICC
35
mA
2
Supply Current Idle Mode
@ 33 MHz
IIDLE
20
mA
3
Supply Current Stop Mode,
Band-gap Reference Disabled
ISTOP
.01
1
µA
4
Supply Current Stop Mode,
Band-gap Reference Enabled
ISPBG
50
80
µA
4, 10
Input Low Level
VIL
-0.3
+0.8
V
1
Input High Level
(Except XTAL1 and RST)
VIH1
2.0
VCC+0.3
V
1
Input High Level XTAL1 and RST
VIH2
3.5
VCC+0.3
V
1
Output Low Voltage Ports 1, 3,
@ IOL = 1.6 mA
VOL1
0.45
V
1
Output Low Voltage Ports 0, 2,
ALE, PSEN @ IOL = 3.2 mA
VOL2
0.45
V
1, 5
Output High Voltage Ports 1, 3,
ALE, PSEN @ IOH = -50 µA
VOH1
2.4
V
1, 6
Output High Voltage Ports 1, 3,
@ IOH = -1.5 mA
VOH2
2.4
V
1, 7
Output High Voltage Ports 0, 2,
ALE, PSEN @ IOH = -8 mA
VOH3
2.4
V
1, 5
Input Low Current Ports 1, 3
@ 0.45V
IIL
-55
µA
11
Transition Current from 1 to 0
Ports 1, 3 @ 2V
ITL
-650
µA
8
Input Leakage Port 0, Bus Mode
IL
-300
+300
µA
9
RST Pulldown Resistance
RRST
50
170
kO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com