Electronic Components Datasheet Search
  English  ▼

X  

GDQF Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part # GDQF
Description  Oscillators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

GDQF Datasheet(HTML) 2 Page - EUROQUARTZ limited

  GDQF Datasheet HTML 1Page - EUROQUARTZ limited GDQF Datasheet HTML 2Page - EUROQUARTZ limited GDQF Datasheet HTML 3Page - EUROQUARTZ limited GDQF Datasheet HTML 4Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
GPQF SERIES PHASE NOISE & PHASE JITTER DATA
SSB
Phase
Noise
Data
(dBc/Hz
typical)
Frequency (MHz)
77.76
122.88
125.00
156.25
212.5
491.25
655.08
1000
1250
10Hz offset
-57
-68
-69
-67
-62
-61
-48
-52
-32
100Hz offset
-94
-99
-97
-92
-93
-86
-85
-82
-68
1kHz offset
-114
-113
-114
-112
-105
-100
-101
-93
-94
10kHz offset
-123
-119
-124
-121
-116
-105
-102
-97
-103
100kHz offset
-124
-120
-129
-124
-118
-105
-103
-97
-105
1MHz offset
-144
-140
-136
-136
-139
-126
-124
-116
-114
5MHz offset
-152
-148
-154
-153
-143
-137
-133
-127
-136
Phase Jitter (ps)
(12kHz ~ 20MHz. r.m.s.)
0.9
0.8
1.1
0.9
1.0
1.1
1.2
1.5
1.1
GPQF SERIES PHASE NOISE & PHASE JITTER DATA
Page 2 of 4
QF Series LVDS Oscillators
10MHz to 1450MHz
'GDQF' LVDS Output VCXOs
Power Supply Voltage (VDD)
+4.0V maximum
Input Voltage
-0.5V min.; VDD+0.5V max.
Output Voltage
-0.5V min.; VDD+0.5V max.
Operation Junction Temperature
-40°C min.; +125°C max.
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com