Electronic Components Datasheet Search
  English  ▼

X  

GDQF Datasheet(PDF) 4 Page - EUROQUARTZ limited

Part # GDQF
Description  Oscillators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

GDQF Datasheet(HTML) 4 Page - EUROQUARTZ limited

  GDQF Datasheet HTML 1Page - EUROQUARTZ limited GDQF Datasheet HTML 2Page - EUROQUARTZ limited GDQF Datasheet HTML 3Page - EUROQUARTZ limited GDQF Datasheet HTML 4Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
Page 4 of 4
RECOMMENDED SOLDER TEMPERATURE PROFILE
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Preheat/Soak
- Temperature min. (Ts min.)
100°C
150°C
- Temperature max. (Ts max.)
150°C
200°
- Time (ts) (Ts min. to Ts max.)
60 to 120 seconds
60 to 180 seconds
Ramp-up Rate (TL to Tp)
3°C/second max.
3°C/second max.
Luiquidous temperature (TL)
183°C
217°C
Time (tL) maintained above TL
60 to 150 seconds
60 to 150 seconds
Peak package body temperature (Tp)
235°C
260°C
Time (Tp) within 5°C of the classification temperature Tc
10 to 30 seconds
20 to 40 seconds
Ramp-down rate (Tp to TL)
6°C/second max.
6°C/second max.
Time 25°C to peak temperature
6 minutes max.
8 minutes max.
QF Series LVDS Oscillators
10MHz to 1450MHz
'GDQF' LVDS Output VCXOs
TEST CIRCUIT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com