Electronic Components Datasheet Search
  English  ▼

X  

LTC3618 Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LTC3618
Description  Dual 4MHz, 3A Synchronous Buck Converter for DDR Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3618 Datasheet(HTML) 5 Page - Linear Integrated Systems

  LTC3618 Datasheet HTML 1Page - Linear Integrated Systems LTC3618 Datasheet HTML 2Page - Linear Integrated Systems LTC3618 Datasheet HTML 3Page - Linear Integrated Systems LTC3618 Datasheet HTML 4Page - Linear Integrated Systems LTC3618 Datasheet HTML 5Page - Linear Integrated Systems LTC3618 Datasheet HTML 6Page - Linear Integrated Systems LTC3618 Datasheet HTML 7Page - Linear Integrated Systems LTC3618 Datasheet HTML 8Page - Linear Integrated Systems LTC3618 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC3618
5
3618fb
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Load Regulation
Input Voltage Line Regulation
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency vs Input Voltage
VDDQ = 1.8V
TA = 25°C, VIN = 3.3V, f = 1MHz, Figure 3 Circuit,
unless otherwise noted.
Efficiency vs Input Voltage
VTT = 0.9V
Forced Continuous Mode
Operation (FCM)
INPUT VOLTAGE (V)
30
90
100
20
10
80
50
70
60
40
3618 G04
0
ILOAD = 200mA
ILOAD = 300mA
ILOAD = 1A
ILOAD = 2A
ILOAD = 3A
5.25
2.25
3.25
3.75
4.25
4.75
2.75
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
3618 G02
0
VTT = 0.75V
VTT = 0.9V
VTT = 1.25V
10
0.1
1
0.01
VMODE/SYNC = SVIN
INPUT VOLTAGE (V)
30
90
100
20
10
80
50
70
60
40
3618 G03
0
ILOAD = 200mA
ILOAD = 300mA
ILOAD = 1A
ILOAD = 2A
ILOAD = 3A
5.25
2.25
3.25
3.75
4.25
4.75
2.75
VMODE/SYNC = SVIN
Load Step Transient with
FCM Internal Compensation
Pulse-Skipping Mode
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
10
3618 G01
0
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
0.1
1
0.01
VMODE/SYNC = SVIN
LOAD CURRENT (A)
–3
0.4
0.6
0.8
0.2
0
–2
0
–1
123
–0.8
–1.0
–0.4
–0.2
1.0
–0.6
3618 G05
VDDQ = 1.8V
VTT = 0.9V
INPUT VOLTAGE (V)
2.25
0.1
0
0.3
0.2
0.4
2.75
3.75
3.25
4.25
4.75
5.25
–0.5
0.5
–0.3
–0.4
–0.1
–0.2
3618 G06
VTT = 0.9V
VDDQ = 1.8V
SW1
SW2
L1
1A/DIV
L2
1A/DIV
3618 G07
VDDQ = 1.8V
VTT = 0.9V
NO LOAD
400ns/DIV
SW1
SW2
L1
1A/DIV
L2
1A/DIV
3618 G08
VDDQ = 1.8V
VTT = 0.9V
NO LOAD
VTT IS ALWAYS IN FORCED CONTINUOUS MODE
400ns/DIV
VDDQ
200mV/DIV
IL
2A/DIV
ILOAD
2A/DIV
3618 G09
VIN = 5V
VDDQ = 1.8V
ILOAD = 0A TO 3A
10μs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com