Electronic Components Datasheet Search
  English  ▼

X  

LTC3618 Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LTC3618
Description  Dual 4MHz, 3A Synchronous Buck Converter for DDR Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3618 Datasheet(HTML) 4 Page - Linear Integrated Systems

  LTC3618 Datasheet HTML 1Page - Linear Integrated Systems LTC3618 Datasheet HTML 2Page - Linear Integrated Systems LTC3618 Datasheet HTML 3Page - Linear Integrated Systems LTC3618 Datasheet HTML 4Page - Linear Integrated Systems LTC3618 Datasheet HTML 5Page - Linear Integrated Systems LTC3618 Datasheet HTML 6Page - Linear Integrated Systems LTC3618 Datasheet HTML 7Page - Linear Integrated Systems LTC3618 Datasheet HTML 8Page - Linear Integrated Systems LTC3618 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC3618
4
3618fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VMODE
(Note 8)
VMODE High Voltage
Pulse-Skipping Mode
1.0
V
VMODE Low Voltage
Forced Continuous Mode
0.4
V
PGOOD1
Power Good Voltage Window of
VDDQ
TRACK/SS1 = SVIN, Entering Window
VFB1 Ramping Up
VFB1 Ramping Down
2
–5
5
–2
%
%
TRACK/SS1 = SVIN, Leaving Window
VFB1 Ramping Up
VFB1 Ramping Down
–10.5
8
–8
10.5
%
%
PGOOD2
Power Good Voltage Window of VTT
Entering Window
VTT Ramping Up
VTT Ramping Down
2.5
–5
5
–2.5
%
%
Leaving Window
VFB2 Ramping Up
VFB2 Ramping Down
–10.5
8
–8
10.5
%
%
tPGOOD
Power Good Blanking Time
Entering/Leaving Window
65
105
140
μs
RPGOOD
Power Good Pull-Down On-Resistance I = 10mA
8
12
30
Ω
VRUN
VRUN Voltage
Input High
Input Low
l
l
1
0.4
V
V
Pull-Down Resistance
4MΩ
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3618 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3618E is guaranteed to meet performance specifications
over the 0°C to 85°C operating junction temperature range. Specifications
over the –40°C to 125°C operating junction temperature range are
assured by design, characterization and correlation with statistical process
controls. The LTC3618I is guaranteed to meet specifications over the
full –40°C to 125°C operating junction temperature range. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors. The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C) and power dissipation (PD, in watts) according to
the formula:
TJ = TA + (PD • θJA)
where
θJA (in °C/W) is the package thermal impedance.
Note 3: This parameter is tested in a feedback loop which servos VFB1 to
the midpoint for the error amplifier (VITH1 = 0.75V).
Note 4: External compensation on ITH pin.
Note 5: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 6: See description of the TRACK/SS pin in the Pin Functions section.
Note 7: When sourcing current, the average output current is defined
as flowing out of the SW pin. When sinking current, the average output
current is defined as flowing into the SW pin. Sinking mode requires the
use of forced continuous mode.
Note 8: See description of the MODE pin in the Pin Functions section.
Note 9: Guaranteed by design and correlation to wafer level measurements
for QFN packages.
Note 10: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability or permanently damage the
device.
The
l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), SVIN = PVINx = 3.3V, RT = 178k, unless otherwise
specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com