Electronic Components Datasheet Search
  English  ▼

X  

LBS09035 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS09035
Description  90MHz SAW Filter 0.2MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS09035 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS09035 Datasheet HTML 1Page - SIPAT Co,Ltd LBS09035 Datasheet HTML 2Page - SIPAT Co,Ltd LBS09035 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS09035
Rev. Date
2013-10-11
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
90MHz SAW Filter
0.2MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBS09035
S09035
S09035
S09035
Features
�
For IF SAW filter
�
High attenuation
�
Single-ended operation
�
Dual In-line Package
�
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency (f0)
MHz
-
90
-
Passband
MHz
-
0.28
-
Insertion Loss
dB
-
6.4
7.5
Amplitude Variation
dB
-
0.13
1
Ultimate
Rejection
89.65~89.75MHz
dB
10
18
-
90.25~90.35MHz
dB
10
10
-
89.5~89.65MHz
dB
25
30
-
90.35~90.5MHz
dB
25
25
-
89.3~89.5MHz
dB
35
40
-
90.5~90.7MHz
dB
35
37
-
87.5~89.3MHz
dB
35
37
-
90.7~92.5MHz
dB
35
35
-
Group Delay Variation
ns
-
670
1500
VSWR
-
2
2
Material Temperature coefficient
KHz/°C
0.09
Substrate Material
-
QZ
Input Power
dBm
20
Operating Temperature Range
°C
-25
-
+85
Storage Temperature Range
°C
-55
-
125
ESD Class
-
1C
Package Size
SMD1365A
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS09035

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS09032 SIPAT-LBS09032 Datasheet
138Kb / 3P
90.3MHz SAW Filter 2MHz Bandwidth
LBS09032 SIPAT-LBS09032 Datasheet
138Kb / 3P
90.3MHz SAW Filter 2MHz Bandwidth
More results

Similar Description - LBS09035

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07103 SIPAT-LBS07103 Datasheet
136Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBS07104 SIPAT-LBS07104 Datasheet
138Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBS07105 SIPAT-LBS07105 Datasheet
138Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBS07107 SIPAT-LBS07107 Datasheet
184Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBS70-0.2 SIPAT-LBS70-0.2 Datasheet
194Kb / 3P
70MHz SAW Filter 0.2MHz Bandwidth
LBS140A23 SIPAT-LBS140A23 Datasheet
190Kb / 3P
140MHz SAW Filter 0.2MHz Bandwidth
LBS07103 SIPAT-LBS07103 Datasheet
142Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBS07104 SIPAT-LBS07104 Datasheet
144Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBS07107 SIPAT-LBS07107 Datasheet
189Kb / 3P
71MHz SAW Filter 0.2MHz Bandwidth
LBS07507 SIPAT-LBS07507 Datasheet
146Kb / 3P
75MHz SAW Filter 0.2MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com