Electronic Components Datasheet Search
  English  ▼

X  

LBS09035 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS09035
Description  90MHz SAW Filter 0.2MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS09035 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS09035 Datasheet HTML 1Page - SIPAT Co,Ltd LBS09035 Datasheet HTML 2Page - SIPAT Co,Ltd LBS09035 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS09035
Rev. Date
2013-10-11
Ver.
1.0
Page
3/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
90MHz SAW Filter
0.2MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBS09035
S09035
S09035
S09035
Typical Performance
Frequency Response
Passband Response
87.5
88
88.5
89
89.5
90
90.5
91
91.5
92
92.5
-96.4477
-86.4477
-76.4477
-66.4477
-56.4477
-46.4477
-36.4477
-26.4477
-16.4477
-6.4477
3.5523
Type Performance
Frequency(MHz)
89.4
89.6
89.8
90
90.2
90.4
-8.9477
-8.4477
-7.9477
-7.4477
-6.9477
-6.4477
-5.9477
-5.4477
-4.9477
-4.4477
-3.9477
Type Performance
Frequency(MHz)
Horizontal: 0.5MHz/Div
Vertical: 10dB/Div
Horizontal: 0.2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation
Phase Linearity
89.85
89.9
89.95
90
90.05
90.1
90.15
2400
2600
2800
3000
3200
3400
X: 90
Y: 2614
Type Performance
Frequency(MHz)
X: 90.1
Y: 2952
X: 89.9
Y: 3175
89.85
89.9
89.95
90
90.05
90.1
90.15
-10
-5
0
5
10
X: 90
Y : -1.408
Type Performance
Frequency(MHz)
X: 90.1
Y : 2.996
X: 89.9
Y : -0.6905
Horizontal: 0.05MHz/Div
Vertical: 200ns/Div
Horizontal: 0.05MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com