Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1086 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXCT1086
Description  PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1086 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXCT1086 Datasheet HTML 2Page - Diodes Incorporated ZXCT1086 Datasheet HTML 3Page - Diodes Incorporated ZXCT1086 Datasheet HTML 4Page - Diodes Incorporated ZXCT1086 Datasheet HTML 5Page - Diodes Incorporated ZXCT1086 Datasheet HTML 6Page - Diodes Incorporated ZXCT1086 Datasheet HTML 7Page - Diodes Incorporated ZXCT1086 Datasheet HTML 8Page - Diodes Incorporated ZXCT1086 Datasheet HTML 9Page - Diodes Incorporated ZXCT1086 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ZXCT1082/83/84/85/86/87
ZXCT1082/83/84/85/86/87
Document number: DS32162 Rev. 2 - 2
6 of 13
www.diodes.com
June 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics (cont.) VS+ = 12V, VCC = 5V VSENSE = 100mV, RGT = 5kΩ, RG = 125kΩ, TA = 25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
203040
5060
V
(V)
I
Input Current vs. Supply Voltage
CC
S-
R
= 5k
R = 125k
V
12V
T = 25 C
V
= 0V
S+
A
SENSE
°
GT
G
Ω
Ω
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
V
(V)
I
Input Current vs. V
Different Voltage
SENSE
S-
SENSE
R
= 5k
R = 125k
V
12V
T = 25 C
V= 5V
S+
A
CC
°
GT
G
Ω
Ω
1.390
1.395
1.400
1.405
1.410
1.415
1.420
1.425
1.430
-40 -25 -10
5
20
35 50
65
80
95 110 125
T Temperature ( C)
I
Input Current vs. Ambient Temperature
A
S-
°
R
= 5k
R = 125k
V
= 0V
V
12V
V= 5V
SENSE
S+
CC
GT
G
Ω
Ω
0
2
4
6
8
10
12
14
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
Gain = 10
Gain = 25
Gain = 100
V
(V)
Output Voltage vs. V
SENSE
SENSE
R
= 5k
V
12V
V= 5V
T = 25 C
S+
CC
A
°
GT
Ω
0.24
0.242
0.244
0.246
0.248
0.25
-40 -25 -10
5
20
35 50 65 80 95 110 125
V
= 2.7V
S+
V
= 12V
S+
V
= 40V
S+
V
= 60V
S+
T Temperature ( C)
V
vs. Ambient Temperature
A
OUT
°
R
= 5k
R = 125k
V
= 10mV
V= 5V
SENSE
CC
GT
G
Ω
Ω
0.241
0.242
0.243
0.244
0.245
0.246
0.247
0.248
0.249
0.25
0.251
-40 -25 -10
5
20 35 50 65 80 95 110 125
V
= 2.7V
CC
V
= 5V
CC
V
= 40V
CC
V
= 60V
CC
T Temperature ( C)
V
vs. Ambient Temperature
A
OUT
°
R
= 5k
R = 125k
V
= 10mV
V
= 12V
SENSE
s+
GT
G
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com