Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1086 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXCT1086
Description  PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1086 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXCT1086 Datasheet HTML 5Page - Diodes Incorporated ZXCT1086 Datasheet HTML 6Page - Diodes Incorporated ZXCT1086 Datasheet HTML 7Page - Diodes Incorporated ZXCT1086 Datasheet HTML 8Page - Diodes Incorporated ZXCT1086 Datasheet HTML 9Page - Diodes Incorporated ZXCT1086 Datasheet HTML 10Page - Diodes Incorporated ZXCT1086 Datasheet HTML 11Page - Diodes Incorporated ZXCT1086 Datasheet HTML 12Page - Diodes Incorporated ZXCT1086 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ZXCT1082/83/84/85/86/87
ZXCT1082/83/84/85/86/87
Document number: DS32162 Rev. 2 - 2
11 of 13
www.diodes.com
June 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics (cont.) V
S+ = 12V, VCC = 5V VSENSE = 100mV, RGT = 5kΩ, RG = 125kΩ , TA = 25°C
1
10
100
1000
100.0E-3
10.0E+0
1.0E+3
100.0E+3
Frequency (Hz)
Output Noise Current vs. Frequency
V
= 5V
V
= 12V
V
= 100mV
T = 25 C
R
= 5 k
Gain = 25
CC
S+
SEN SE
A
GT
°
Ω
ZXCT1082
1
10
100
1000
100.0E-3
10.0E+0
1.0E+3
100.0E+3
Frequency (Hz)
Output Noise Voltage vs. Frequency
V
= 5V
V
= 12V
V
= 100mV
T = 25 C
CC
S+
SENSE
A
°
ZXC T1084
1
10
100
1000
100.0E-3
10.0E+0
1.0E+3
100.0E+3
Frequency (Hz)
Output Noise Voltage vs. Frequency
V
= 5V
V
= 12V
V
= 100mV
T = 25 C
CC
S+
SENSE
A
°
ZXC T1086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com