Electronic Components Datasheet Search
  English  ▼

X  

LBS13102 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS13102
Description  130.8MHz SAW Filter 1.25MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS13102 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS13102 Datasheet HTML 1Page - SIPAT Co,Ltd LBS13102 Datasheet HTML 2Page - SIPAT Co,Ltd LBS13102 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS13102
Rev. Date
2013-10-08
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
130.8MHz SAW Filter
1.25MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBS13102
S13102
S13102
S13102
Features
�
For IF SAW filter
�
High attenuation
�
Single-ended operation
�
Dual In-line Package
�
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency (f0)
MHz
130.7
130.8
130.9
Insertion Loss
dB
22.7
26
1.5dB Bandwidth
MHz
1.25
1.31
35dB Bandwidth
MHz
2.28
2.35
45dB Bandwidth
MHz
2.38
2.45
Passband Variation
dB
0.3
1.0
Ultimate Rejection
dB
50
55
Absolute Delay
usec
3.13
4.0
Material Temperature coefficient
KHz/°C
0.13
Substrate Material
-
QZ
Ambient Temperature
°C
25
Operating Temperature Range
°C
-25
-
+85
Storage Temperature Range
°C
-45
+105
Input Power
dBm
-
-
10
ESD Class
-
1C
Package Size
DIP3512
(35.0x12.8x4.7)
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS13102

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS13001 SIPAT-LBS13001 Datasheet
104Kb / 1P
SAW Filter Electrical Characteristic
LBS13001 SIPAT-LBS13001 Datasheet
105Kb / 1P
SAW Filter Electrical Characteristic
LBS13002 SIPAT-LBS13002 Datasheet
50Kb / 1P
SAW Filter Electrical Characteristic
LBS13002 SIPAT-LBS13002 Datasheet
53Kb / 1P
SAW Filter Electrical Characteristic
LBS13004 SIPAT-LBS13004 Datasheet
51Kb / 1P
SAW Filter Electrical Characteristic
More results

Similar Description - LBS13102

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN70A27 SIPAT-LBN70A27 Datasheet
295Kb / 3P
70MHz SAW Filter 8MHz Bandwidth
LBN7049 SIPAT-LBN7049 Datasheet
140Kb / 3P
70MHz SAW Filter 25.58MHz Bandwidth
LBN07076 SIPAT-LBN07076 Datasheet
140Kb / 3P
70MHz SAW Filter 25MHz Bandwidth
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
70MHz SAW Filter 13.35MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0348A TAI-SAW-TA0348A Datasheet
561Kb / 6P
IF SAW Filter 869.2625MHz(BW=1.25MHz) SMD 3.8x3.8mm
logo
SIPAT Co,Ltd
LBS11575 SIPAT-LBS11575 Datasheet
252Kb / 3P
115.475MHz SAW Filter 1.25MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com