Electronic Components Datasheet Search
  English  ▼

X  

LBS13102 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS13102
Description  130.8MHz SAW Filter 1.25MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS13102 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS13102 Datasheet HTML 1Page - SIPAT Co,Ltd LBS13102 Datasheet HTML 2Page - SIPAT Co,Ltd LBS13102 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBS13102
Rev. Date
2013-10-08
Ver.
1.0
Page
3/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
130.8MHz SAW Filter
1.25MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LB
LB
LB
LBS13102
S13102
S13102
S13102
Typical Performance
Frequency Response
Passband Response
122
124
126
128
130
132
134
136
138
140
-112.6896
-102.6896
-92.6896
-82.6896
-72.6896
-62.6896
-52.6896
-42.6896
-32.6896
-22.6896
-12.6896
Type Performance
Frequency(MHz)
129
129.5
130
130.5
131
131.5
132
132.5
133
-25.1896
-24.6896
-24.1896
-23.6896
-23.1896
-22.6896
-22.1896
-21.6896
-21.1896
-20.6896
-20.1896
Type Performance
Frequency(MHz)
Horizontal: 2MHz/Div
Vertical: 10dB/Div
Horizontal: 0.5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation
Phase Linearity
129.5
130
130.5
131
131.5
1500
2000
2500
3000
3500
4000
4500
5000
5500
X: 130.8
Y : 3087
Type Performance
Frequency(MHz)
X: 130.1
Y : 3086
X: 131.5
Y : 3106
129.5
130
130.5
131
131.5
132
-10
-8
-6
-4
-2
0
2
4
6
8
10
X: 130.8
Y : -0.1175
Type Performance
Frequency(MHz)
X: 130.1
Y : -3.403
X: 131.5
Y : 1.868
Horizontal: 0.5MHz/Div
Vertical: 500ns/Div
Horizontal: 0.5MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com