Electronic Components Datasheet Search
  English  ▼

X  

OP298AD Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OP298AD
Description  Plastic Infrared Emitting Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP298AD Datasheet(HTML) 1 Page - OPTEK Technologies

  OP298AD Datasheet HTML 1Page - OPTEK Technologies OP298AD Datasheet HTML 2Page - OPTEK Technologies OP298AD Datasheet HTML 3Page - OPTEK Technologies OP298AD Datasheet HTML 4Page - OPTEK Technologies OP298AD Datasheet HTML 5Page - OPTEK Technologies OP298AD Datasheet HTML 6Page - OPTEK Technologies OP298AD Datasheet HTML 7Page - OPTEK Technologies OP298AD Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
03/2012
Page 1 of 8
Plastic Infrared Emitting Diode
OP290 Series
Description:
Each device in this series, is a gallium aluminum arsenide infrared Light Emitting Diode (LED) that is molded in an
IR-transmissive package with a wavelength centered at 890 nm, which closely matches the spectral response of
silicon phototransistors, except for OP298 (AA, AB, AC, AD), which has either an 850 nm or 875 nm center
wavelength. For identification purposes, each LED anode lead is longer than the cathode lead. Package T-1¾
devices include: OP290, OP291, OP292, OP294, OP295, OP296, OP297, OP299 (A, B, C) and OP297FAB,
Plastic Package TO-18 or TO-46
devices include: OP293 and OP298 (A, B, C, AA, AB, AC, AD).
Each OP290, OP291 and OP292 series come in three electrical parameters options A, B and C. The OP290
series forward current is specified under pulse conditions up to 1.5 amps, the OP291 series forward current is
specified under pulse conditions up to 100 milliamps and the OP292 series forward current is specified under
pulse conditions up to 1 amp. The Cathode Lead length is 0.06” (1.52 mm) shorter than the Anode Lead. The
silver-copper lead frame offers excellent thermal characteristics.
Each OP293 and OP298 series come in three electrical parameter options A, B and C. The OP293 series has an
included emission angle of 60° while the OP298 series has an included emission angle of 25°. The Cathode Lead
length is 0.06” (1.52 mm) shorter than the Anode Lead. These devices, which come in a variety of power ranges
offering a low cost replacement for TO-18 or TO-46 hermetic packages.
Each OP298 series come with a high irradiance output versions with four electrical parameter options AA, AB, AC
and AD. These power options are in the range of 5X greater than the A, B or C options. The OP298 series has an
included emission angle of 25°. The Cathode Lead length is 0.06” (1.52 mm) shorter than the Anode Lead. These
devices, which come in a variety of power ranges offering a low cost replacement for TO-18 or
TO-46 hermetic
packages.
OP294 and OP299 are designed for low-current or power-limited applications, such as battery supplies. They are
similar to the OP290 and OP295, but use a smaller chip that increases output efficiency at low current levels by
increasing current density. Light output can be maximized with continuous (D.C.) forward current up to 100 mA or
with pulsed forward current up to 750 mA. The Cathode Lead length is 0.06” (1.52 mm) shorter than the Anode
Lead.
Each OP295, OP296 and OP297 series come in three electrical parameters options A, B and C. The OP295
series forward current is specified under pulse conditions up to 5 amps, the OP296 series forward current is
specified under pulse conditions up to 2 amps and the OP297 series forward current is specified under pulse
conditions up to 1 amp. The Cathode Lead length is 0.06” (1.52 mm) shorter than the Anode Lead. The
OP297FAB has a reversed polarity from the OP297A, B or C. The silver-copper lead frame offers excellent
thermal characteristics.
All of these devices are spectrally and mechanically matched to the OP593 and OP598 series phototransistors.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
• Machine automation
• Machine safety
• End of travel sensor
Applications:
• Non-contact reflective
object sensor
• Assembly line
automation
• Door sensor
• Battery-operated
applications
Features:
• Choice of narrow or wide irradiance pattern
• Choice of power ranges
• Choice of T-1¾, TO-18 or T-46 package
• Higher power output than GaAs at equivalent LEDs
RoHS


Similar Part No. - OP298AD

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP298AD OPTEK-OP298AD Datasheet
343Kb / 8P
Plastic Infrared Emitting Diode
logo
TT Electronics.
OP298AD TTELEC-OP298AD Datasheet
1Mb / 9P
Plastic Infrared Emitting Diode
More results

Similar Description - OP298AD

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
Plastic Infrared Emitting Diode
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
Plastic Infrared Emitting Diode
logo
TT Electronics.
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
Plastic Infrared Emitting Diode
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
Plastic Infrared Emitting Diode
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com