Electronic Components Datasheet Search
  English  ▼

X  

OP298AD Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OP298AD
Description  Plastic Infrared Emitting Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP298AD Datasheet(HTML) 5 Page - OPTEK Technologies

  OP298AD Datasheet HTML 1Page - OPTEK Technologies OP298AD Datasheet HTML 2Page - OPTEK Technologies OP298AD Datasheet HTML 3Page - OPTEK Technologies OP298AD Datasheet HTML 4Page - OPTEK Technologies OP298AD Datasheet HTML 5Page - OPTEK Technologies OP298AD Datasheet HTML 6Page - OPTEK Technologies OP298AD Datasheet HTML 7Page - OPTEK Technologies OP298AD Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
03/2012
Page 5 of 8
Plastic Infrared Emitting Diode
OP290 Series
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage(3)
OP290, OP295
OP291, OP296
OP292, OP297, OP297FAB
OP293, OP298 (A, B, C)
OP298 (AA, AB, AC, AD)
OP294, OP299
-
-
-
-
-
-
-
-
-
-
-
-
4.00
2.00
1.75
2.00
2.00
1.50
V
IF = 1.50 A
IF = 100 mA
IF = 20 mA
IF = 1.50 A
IF = 100 mA
IF = 5 mA
IR
Reverse Current(3)
OP290, OP292
OP291, OP293, OP298 (A, B, C), OP296
OP298 (AA, AB, AC, AD)
OP294, OP299
OP295, OP297
OP297FAB
-
-
-
-
-
-
-
-
-
-
-
-
10
100
100
10
10
15
µA
VR= 5 V
VR= 2 V
VR= 2 V
VR= 2 V
VR= 5 V
VR= 5 V
λP
Wavelength at Peak Emission
OP290, OP291, OP292, OP293, OP294,
OP295, OP296, OP297, OP298 (A, B, C),
OP299
OP297FAB, OP298 (AA, AB, AC, AD)
-
-
890
875
-
-
nm
IF = 10 mA
B
Spectral Bandwidth between Half Power
Points
-
80
-
nm
IF = 10 mA
∆λP /∆T
Spectral Shift with Temperature
-
+0.18
-
nm/°C
IF = Constant
θHP
Emission Angle at Half Power Points
OP290, OP291, OP292, OP294
OP293
OP295, OP296, OP297, OP299
OP298
-
-
-
-
50
60
20
25
-
-
-
-
Degree IF = 20 mA
tr
Output Rise Time
-
500
-
ns
IF(PK)=100 mA, PW=10 µs, and
D.C.=10.0%
tf
Output Fall Time
-
250
-
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com