Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024FX Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # HD64F36024FX
Description  Old Company Name in Catalogs and Other Documents
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024FX Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button HD64F36024FX Datasheet HTML 87Page - Renesas Technology Corp HD64F36024FX Datasheet HTML 88Page - Renesas Technology Corp HD64F36024FX Datasheet HTML 89Page - Renesas Technology Corp HD64F36024FX Datasheet HTML 90Page - Renesas Technology Corp HD64F36024FX Datasheet HTML 91Page - Renesas Technology Corp HD64F36024FX Datasheet HTML 92Page - Renesas Technology Corp HD64F36024FX Datasheet HTML 93Page - Renesas Technology Corp HD64F36024FX Datasheet HTML 94Page - Renesas Technology Corp HD64F36024FX Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 386 page
background image
Section 4 Address Break
Rev. 4.00 Sep. 23, 2005 Page 63 of 354
REJ09B0025-0400
Figures 4.2 show the operation examples of the address break interrupt setting.
NOP
instruc-
tion
prefetch
Register setting
• ABRKCR = H'80
• BAR = H'025A
Program
0258
025A
025C
0260
0262
:
*
NOP
NOP
MOV.W @H'025A,R0
NOP
NOP
:
0258
Address
bus
φ
Interrupt
request
025A
025C
025E
SP-2
SP-4
NOP
instruc-
tion
prefetch
MOV
instruc-
tion 1
prefetch
MOV
instruc-
tion 2
prefetch
Internal
processing
Stack save
Interrupt acceptance
Underline indicates the address
to be stacked.
When the address break is specified in instruction execution cycle
Figure 4.2 Address Break Interrupt Operation Example (1)
MOV
instruc-
tion 1
prefetch
Register setting
• ABRKCR = H'A0
• BAR = H'025A
Program
0258
025A
025C
0260
0262
:
*
NOP
NOP
MOV.W @H'025A,R0
NOP
NOP
:
025C
Address
bus
φ
Interrupt
request
025E
0260
025A
0262
0264
SP-2
MOV
instruc-
tion 2
prefetch
NOP
instruc-
tion
prefetch
MOV
instruc-
tion
execution
Next
instru-
ction
prefetch
Internal
processing
Stack
save
NOP
instruc-
tion
prefetch
Interrupt acceptance
Underline indicates the address
to be stacked.
When the address break is specified in the data read cycle
Figure 4.2 Address Break Interrupt Operation Example (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com