| Electronic Components Datasheet Search |
|
HD64F36024FX Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36024FX Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 386 page ![]() Rev. 4.00 Sep. 23, 2005 Page xix of xxvi Figure 11.7 Input Capture Operating Example........................................................................... 151 Figure 11.8 Buffer Operation Example (Input Capture)............................................................. 152 Figure 11.9 PWM Mode Example (1) ........................................................................................ 153 Figure 11.10 PWM Mode Example (2) ...................................................................................... 154 Figure 11.11 Buffer Operation Example (Output Compare) ...................................................... 155 Figure 11.12 PWM Mode Example (TOB, TOC, and TOD = 0: initial output values are set to 0) ............................... 156 Figure 11.13 PWM Mode Example (TOB, TOC, and TOD = 1: initial output values are set to 1) ............................... 157 Figure 11.14 Count Timing for Internal Clock Source............................................................... 158 Figure 11.15 Count Timing for External Clock Source.............................................................. 158 Figure 11.16 Output Compare Output Timing ........................................................................... 159 Figure 11.17 Input Capture Input Signal Timing........................................................................ 160 Figure 11.18 Timing of Counter Clearing by Compare Match................................................... 160 Figure 11.19 Buffer Operation Timing (Compare Match).......................................................... 161 Figure 11.20 Buffer Operation Timing (Input Capture) ............................................................. 161 Figure 11.21 Timing of IMFA to IMFD Flag Setting at Compare Match .................................. 162 Figure 11.22 Timing of IMFA to IMFD Flag Setting at Input Capture...................................... 162 Figure 11.23 Timing of Status Flag Clearing by CPU................................................................ 163 Figure 11.24 Contention between TCNT Write and Clear ......................................................... 164 Figure 11.25 Internal Clock Switching and TCNT Operation.................................................... 164 Figure 11.26 When Compare Match and Bit Manipulation Instruction to TCRW Occur at the Same Timing ......................................................................................................... 165 Section 12 Watchdog Timer Figure 12.1 Block Diagram of Watchdog Timer ........................................................................ 167 Figure 12.2 Watchdog Timer Operation Example...................................................................... 171 Section 13 Serial Communication Interface 3 (SCI3) Figure 13.1 Block Diagram of SCI3........................................................................................... 176 Figure 13.2 Data Format in Asynchronous Communication ...................................................... 192 Figure 13.3 Relationship between Output Clock and Transfer Data Phase (Asynchronous Mode)(Example with 8-Bit Data, Parity, Two Stop Bits) .............. 192 Figure 13.4 Sample SCI3 Initialization Flowchart ..................................................................... 193 Figure 13.5 Example of SCI3 Transmission in Asynchronous Mode (8-Bit Data, Parity, One Stop Bit) ........................................................................... 194 Figure 13.6 Sample Serial Transmission Data Flowchart (Asynchronous Mode)...................... 195 Figure 13.7 Example of SCI3 Reception in Asynchronous Mode (8-Bit Data, Parity, One Stop Bit) ........................................................................... 196 Figure 13.8 Sample Serial Reception Data Flowchart (Asynchronous Mode)(1)....................... 198 Figure 13.8 Sample Serial Reception Data Flowchart (Asynchronous Mode)(2)....................... 199 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |