Electronic Components Datasheet Search
  English  ▼

X  

75LVC86A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 75LVC86A
Description  Quad 2-input EXCLUSIVE-OR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LVC86A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 75LVC86A Datasheet HTML 3Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 4Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 5Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 6Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 7Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 8Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 9Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 10Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74LVC86A_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05.00 — 15 May 2006
7 of 15
Philips Semiconductors
74LVC86A
Quad 2-input EXCLUSIVE-OR gate
[1]
Typical values are measured at Tamb =25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz,
fo = output frequency in MHz,
CL = output load capacitance in pF,
VCC = supply voltage in Volts,
N = number of inputs switching,
Σ(CL × VCC2 × fo) = sum of the outputs.
11. AC waveforms
Tamb = 25 °C
CPD
power dissipation capacitance
per gate.
VI = GND to VCC
[3]
VCC = 1.65 V to 1.95 V
-
13
-
pF
VCC = 2.3 V to 2.7 V
-
16
-
pF
VCC = 3.0 V to 3.6 V
-
20
-
pF
Table 7:
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VM =1.5 V atVCC ≥ 2.7 V;
VM =0.5 × VCC at VCC <2.7 V;
VOL and VOH are typical output voltage drops that occur with the output load.
Fig 6.
The inputs nA and nB to output nY propagation delay
mna224
nA, nB input
nY output
tPLH
tPHL
GND
VI
VM
VM
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com