Electronic Components Datasheet Search
  English  ▼

X  

75LVC86A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 75LVC86A
Description  Quad 2-input EXCLUSIVE-OR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LVC86A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  75LVC86A Datasheet HTML 1Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 2Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 3Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 4Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 5Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 6Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 7Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 8Page - List of Unclassifed Manufacturers 75LVC86A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1. General description
The 74LVC86A provides four 2-input EXCLUSIVE-OR functions. It is a high-performance,
low power, low-voltage, Si-gate CMOS device and superior to most advanced CMOS
compatible TTL families.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in mixed 3.3 V and 5 V applications.
2. Features
5 V tolerant inputs for interlacing with 5 V logic
Supply voltage range from 1.2 V to 3.6 V
CMOS low power consumption
Direct interface with TTL levels
Complies with JEDEC standard JESD8-B / JESD36
ESD protection:
HBM JESD22-A114-C exceeds 2000 V
CDM JESD22-C101-C exceeds 1000 V
Specified from
−40 °C to +85 °C and −40 °C to 125 °C
3. Ordering information
74LVC86A
Quad 2-input EXCLUSIVE-OR gate
Rev. 05.00 — 15 May 2006
Product data sheet
Table 1:
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
74LVC86AD
−40 °C to +125 °C SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74LVC86ADB
−40 °C to +125 °C SSOP14
plastic shrink small outline package; 14 leads;
body width 5.3 mm
SOT337-1
74LVC86APW
−40 °C to +125 °C TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74LVC86ABQ
−40 °C to +125 °C DHVQFN14
plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 14 terminals;
body 2.5
× 3 × 0.85 mm
SOT762-1


Similar Part No. - 75LVC86A

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75L-001 JFW-75L-001 Datasheet
25Kb / 1P
FEEDTHRU TERMINATION
75L-001 JFW-75L-001 Datasheet
26Kb / 1P
FIXED ATTENUATOR KIT
75L-004 JFW-75L-004 Datasheet
25Kb / 1P
FEEDTHRU TERMINATION
logo
Texas Instruments
75LBC172A TI-75LBC172A Datasheet
480Kb / 19P
QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
75LBC176 TI-75LBC176 Datasheet
455Kb / 22P
DIFFERENTIAL BUS TRANSCEIVERS
More results

Similar Description - 75LVC86A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54AC86 NSC-54AC86 Datasheet
112Kb / 6P
Quad 2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
CD4070BC FAIRCHILD-CD4070BC Datasheet
53Kb / 5P
Quad 2-Input EXCLUSIVE-OR Gate
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
Quad 2-Input Exclusive-OR Gate
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
Quad 2-Input Exclusive OR Gate
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com