Electronic Components Datasheet Search
  English  ▼

X  

LM339PC Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # LM339PC
Description  Quad Differential Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM339PC Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  LM339PC Datasheet HTML 1Page - Cystech Electonics Corp. LM339PC Datasheet HTML 2Page - Cystech Electonics Corp. LM339PC Datasheet HTML 3Page - Cystech Electonics Corp. LM339PC Datasheet HTML 4Page - Cystech Electonics Corp. LM339PC Datasheet HTML 5Page - Cystech Electonics Corp. LM339PC Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C545PC
Issued Date : 2010.12.20
Revised Date :
Page No. : 6/6
LM339PC
CYStek Product Specification
DIP-14L Dimension
DIP-14L Plastic Package
CYStek Package Code : PC
Marking:
Device
Name
LM339
□□□□
Date
Code
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
-
5.334
-
0.210
D
18.920
19.690
0.745
0.775
A1
0.381
-
0.015
-
E
6.096
6.604
0.240
0.260
A2
3.175
3.429
0.125
0.135
E1
7.493
8.001
0.295
0.315
b
0.406
0.508
0.016
0.020
e
2.413
2.667
0.095
0.105
b1
0.356
0.508
0.014
0.020
HE
8.509
9.525
0.335
0.375
b2
1.270
1.778
0.050
0.070
L
3.175
3.683
0.125
0.145
0°
15°
0°
15°
c
0.203
0.356
0.008
0.014
S
c1
0.203
0.279
0.008
0.011
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com