Electronic Components Datasheet Search
  English  ▼

X  

LM339PC Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # LM339PC
Description  Quad Differential Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM339PC Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  LM339PC Datasheet HTML 1Page - Cystech Electonics Corp. LM339PC Datasheet HTML 2Page - Cystech Electonics Corp. LM339PC Datasheet HTML 3Page - Cystech Electonics Corp. LM339PC Datasheet HTML 4Page - Cystech Electonics Corp. LM339PC Datasheet HTML 5Page - Cystech Electonics Corp. LM339PC Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C545PC
Issued Date : 2010.12.20
Revised Date :
Page No. : 1/6
LM339PC
CYStek Product Specification
Quad Differential Comparator
LM339PC
Description
The LM339PC consists of four independent voltage comparators, designed specifically to operate from a
single power over a wide voltage range.
Features
• Single or dual supply operation.
• Wide operating supply range(VCC=2V~36V).
• Input common-mode voltage includes ground.
• Low supply current drain ICC=0.8mA(typical).
• Low input bias current Ibias=25nA(typical).
• Output compatible with TTL, DTL and CMOS logic system.
Pin Configurations
Pin1: OUT 2
Pin8: IN 3 (-)
Pin2: OUT 1
Pin9: IN 3 (+)
Pin3: VCC
Pin10: IN 4 (-)
Pin4: IN 1(-)
Pin11: IN 4 (+)
Pin5: IN 1 (+)
Pin12: GND
Pin6: IN 2 (-)
Pin13: OUT 4
12
3
4
5
67
8
9
10
11
12
13
14
OUT 2
OUT 1
VCC
IN1 (-)
IN 1(+)
IN 2(-)
IN 2(+)
IN 3(-)
IN 3(+)
IN 4(-)
IN 4 (+)
GND
OUT 4
OUT 3
Pin7: IN 2 (+)
Pin14: OUT 3


Similar Part No. - LM339PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM339P STMICROELECTRONICS-LM339P Datasheet
163Kb / 10P
LOWPOWER QUAD VOLTAGE COMPARATORS
Mar-2003
LM339PT STMICROELECTRONICS-LM339PT Datasheet
163Kb / 10P
LOWPOWER QUAD VOLTAGE COMPARATORS
Mar-2003
logo
Rohm
LM339PT ROHM-LM339PT Datasheet
422Kb / 18P
SIGNATURE SERIES Comparators
logo
STMicroelectronics
LM339PT STMICROELECTRONICS-LM339PT Datasheet
483Kb / 16P
Low-power quad voltage comparators
28-Apr-2009
logo
Rohm
LM339PT ROHM-LM339PT Datasheet
866Kb / 38P
SIGNATURE SERIES Comparators
More results

Similar Description - LM339PC

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
QUAD DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD339 YOUDA-YD339 Datasheet
102Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com