Electronic Components Datasheet Search
  English  ▼

X  

VLS201612E Datasheet(PDF) 22 Page - TDK Electronics

Part # VLS201612E
Description  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS201612E Datasheet(HTML) 22 Page - TDK Electronics

Back Button VLS201612E Datasheet HTML 18Page - TDK Electronics VLS201612E Datasheet HTML 19Page - TDK Electronics VLS201612E Datasheet HTML 20Page - TDK Electronics VLS201612E Datasheet HTML 21Page - TDK Electronics VLS201612E Datasheet HTML 22Page - TDK Electronics VLS201612E Datasheet HTML 23Page - TDK Electronics VLS201612E Datasheet HTML 24Page - TDK Electronics VLS201612E Datasheet HTML 25Page - TDK Electronics VLS201612E Datasheet HTML 26Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
(21/52)
INDUC
T
O
RS
001-01 / 20130516 / e531_vls.fm
• All specifications are subject to change without notice.
VLS-E series 
VLS252008E Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(MHz)
DC resistance
(
 )
Rated current(A)
Part No.
max.
typ.
(µH)
Tolerance
max.
typ.
Idc1
Idc1
Idc2
0.47
±30%
1.0
0.140
0.116
1.65
1.80
1.20
VLS252008ET-R47N
1.0
±30%
1.0
0.219
0.182
1.20
1.35
0.97
VLS252008ET-1R0N
1.5
±30%
1.0
0.248
0.206
1.00
1.10
0.91
VLS252008ET-1R5N
2.2
±20%
1.0
0.290
0.241
0.77
0.86
0.84
VLS252008ET-2R2M
3.3
±20%
1.0
0.416
0.346
0.73
0.82
0.70
VLS252008ET-3R3M
4.7
±20%
1.0
0.580
0.483
0.61
0.68
0.59
VLS252008ET-4R7M
6.8
±20%
1.0
0.818
0.681
0.49
0.55
0.50
VLS252008ET-6R8M
10.0
±20%
1.0
1.232
1.026
0.43
0.48
0.41
VLS252008ET-100M
Measurement item
Product No.
Manufacturer
L
4194A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com