Electronic Components Datasheet Search
  English  ▼

X  

VLS201612E Datasheet(PDF) 6 Page - TDK Electronics

Part # VLS201612E
Description  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS201612E Datasheet(HTML) 6 Page - TDK Electronics

Back Button VLS201612E Datasheet HTML 2Page - TDK Electronics VLS201612E Datasheet HTML 3Page - TDK Electronics VLS201612E Datasheet HTML 4Page - TDK Electronics VLS201612E Datasheet HTML 5Page - TDK Electronics VLS201612E Datasheet HTML 6Page - TDK Electronics VLS201612E Datasheet HTML 7Page - TDK Electronics VLS201612E Datasheet HTML 8Page - TDK Electronics VLS201612E Datasheet HTML 9Page - TDK Electronics VLS201612E Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
(5/52)
INDUC
T
O
RS
001-01 / 20130516 / e531_vls.fm
• All specifications are subject to change without notice.
VLS-E series 
VLS201610E Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(MHz)
DC resistance
(
 )
Rated current(A)
Part No.
max.
typ.
(µH)
Tolerance
max.
typ.
Idc1
Idc1
Idc2
0.47
±30%
1.0
0.065
0.054
1.85
2.10
1.95
VLS201610ET-R47N
0.68
±30%
1.0
0.086
0.072
1.65
1.85
1.65
VLS201610ET-R68N
1.0
±30%
1.0
0.119
0.099
1.35
1.50
1.40
VLS201610ET-1R0N
1.5
±30%
1.0
0.181
0.151
1.10
1.20
1.15
VLS201610ET-1R5N
2.2
±20%
1.0
0.276
0.230
0.94
1.05
0.95
VLS201610ET-2R2M
3.3
±20%
1.0
0.458
0.382
0.75
0.84
0.73
VLS201610ET-3R3M
4.7
±20%
1.0
0.554
0.462
0.64
0.72
0.67
VLS201610ET-4R7M
6.8
±20%
1.0
0.840
0.700
0.53
0.59
0.54
VLS201610ET-6R8M
10
±20%
1.0
1.380
1.150
0.40
0.45
0.42
VLS201610ET-100M
Measurement item
Product No.
Manufacturer
L
4194A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com