Electronic Components Datasheet Search
  English  ▼

X  

LPQ202-M Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPQ202-M
Description  LPQ200-M Series 200 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPQ202-M Datasheet(HTML) 1 Page - Emerson Network Power

  LPQ202-M Datasheet HTML 1Page - Emerson Network Power LPQ202-M Datasheet HTML 2Page - Emerson Network Power LPQ202-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 01.14.12_#43
LPQ200-M Series
1 of 3
Embedded Power for
Business-Critical Continuity
LPQ200-M Series
200 Watts
Special Features
• MedicalandITEsafeties
• Activepowerfactorcorrection
• 3”x5”footprint
• Lessthan1Uhigh
• EN61000-3-2compliant
• Remotesense
• Powerfail
• Adjustableoutputs
• Built-inClassBEMIfilter
• Overvoltageprotection
• Overloadprotection
• Thermaloverloadprotection
• LPX200enclosurekitavailable
Total Power:
100-200Watts
Input Voltage:
90-264Vac
# of Outputs:
Quad
Electrical Specifications
Safety
Input
Inputrange:
90-264Vac;120-300Vdc
Frequency:
47-63Hz
Inrushcurrent:
50Amax.,coldstart@25°C,230Vacinput
Efficiency:
84%typicalatfullload
EMI/RFI:
FCCClassBconducted;CISPR22ClassBconducted;
EN55022ClassBconducted;VDE0878PT3ClassBconducted
Safetyground
leakagecurrent:
275uA@50/60Hz,264Vacinput
Output
Maximumpower:
100Wforconvection;200Wwith30CFMforcedair
Adjustmentrange:
Alloutputs-20%,+10%,exceptforthe3.3Voutputwhichwillbe-15%,
+10%(LPQ201-M)
Hold-uptime:
16ms@200Wload,120Vacinput
Overloadprotection:
Shortcircuitprotectiononalloutputs.V1,V2&V3overloadprotected@
110-160%.V4is150-250%aboverating
Overvoltageprotection: 30-50%abovenominaloutputonV1(andV2onLPQ202)
LogicalControl
Powerfailure:
Activelowlogicsignalgoeshigh100-500msecaftermainoutput;itgoes
lowatleast6msecbeforelossofregulation
Remotesense:
Compensatesfor0.5Vleaddropmin.Willoperatewithoutremotesense
connected.Reverseconnectionprotected.
• TUV 60950,60601-1
• UL
60950,60601-1
• CSA
60950,60601-1
• CB
Certificate&report
• CE
Mark(LVD)


Similar Part No. - LPQ202-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPQ202-M ARTESYN-LPQ202-M Datasheet
1Mb / 3P
Total Power: 100 - 200 Watts
More results

Similar Description - LPQ202-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S200-50 ETC-S200-50 Datasheet
156Kb / 3P
200 WATTS - 50 VOLTS 30MHZ
logo
Powerbox
3303DS POWERBOX-3303DS Datasheet
91Kb / 1P
60 - 200 WATTS LINEAR
logo
Vicor Corporation
VE-261-CY VICOR-VE-261-CY Datasheet
312Kb / 6P
50 to 200 Watts
VI-BN2-CU VICOR-VI-BN2-CU Datasheet
712Kb / 6P
50 to 200 Watts
VI-20B-CX VICOR-VI-20B-CX Datasheet
712Kb / 6P
50 to 200 Watts
VE-2NZ-EV-F2 VICOR-VE-2NZ-EV-F2 Datasheet
712Kb / 6P
50 to 200 Watts
logo
XP Power Limited
PBM200 XPPOWER-PBM200 Datasheet
154Kb / 2P
200 Watts PBM200 Series
logo
Artesyn Technologies
DA18-150AU-M ARTESYN-DA18-150AU-M Datasheet
2Mb / 6P
DA18-M Series 18 Watts
logo
Wall Industries,Inc.
LVSERIES WALL-LVSERIES Datasheet
266Kb / 4P
50-200 Watts
logo
Vicor Corporation
VI-200 VICOR-VI-200_17 Datasheet
419Kb / 7P
50 to 200 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com