Electronic Components Datasheet Search
  English  ▼

X  

LPQ202-M Datasheet(PDF) 2 Page - Emerson Network Power

Part # LPQ202-M
Description  LPQ200-M Series 200 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPQ202-M Datasheet(HTML) 2 Page - Emerson Network Power

  LPQ202-M Datasheet HTML 1Page - Emerson Network Power LPQ202-M Datasheet HTML 2Page - Emerson Network Power LPQ202-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model
Number
Output
Voltage
Minimum
Load
MaximumLoadwith
ConvectionCooling
MaximumLoadwith
30CFMForcedAir
Peak
Load
Regulation2
Ripple
P/P(PARD)3
LPQ201-M
+3.3V
0A
13A
18A
20A
±2%
50mV
+5V
0A
13A
18A
20A
±5%
50mV
+12V
0A
5A
9A
10A
±5%
120mV
-12V
0A
1A
2A
2.5A
±5%
120mV
LPQ202-M
+5V
0A
13A
18A
20A
±2%
50mV
+12V
0A
5A
9A
10A
±5%
120mV
+24V
0A
1.5A
3A
3.5A
±7%
240mV
-12V
0A
1A
2A
2.5A
±5%
120mV
1. Peakcurrentlasting<30secondswithamaximum10%dutycycle.
2. At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3. Peak-to-peakwith20mHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitoratratedlinevoltageandloadranges.
Rev. 01.14.12_#43
LPQ200-M Series
2 of 3
Operatingtemperature:
0°to50°Cambientderateeachoutputas2.5%perdegreefrom50°to70°C.-20°C
start up
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN61000-4;
-2,-3,-4,-5,-6,-8,-11Level3
Humidity:
Operating;non-condensing10%to90%RH,non-operating,non-condensing10-95%
Vibration:
IEC68-2-6tothelevelsofIEC721-3-2
MTBFcalculated:
516,000hoursatfullloadand25°Cambientconditions.230Vacinput,Bellcore
EnvironmentalSpecifications
PinAssignments
ConnectorLPQ200-M
SK1
Pin1
Neutral
Pin3
Line
SK2
Pin1
V1OUT
Pin 2
V2OUT
Pin3
GNDOUT
Pin4
GNDOUT
Pin5
GNDOUT
Pin6
GNDOUT
Pin7
V3OUT
Pin 8
V4OUT
SK3
Pin1
+V1Remotesense
Pin 2
-V1Remotesense
Pin3
N/C
Pin4
N/C
Pin5
+Powerfail
Pin6
Common
Pin7
N/C
Pin 8
Common
Pin 9
+V2RemoteSense(LPQ201-Monly)
Pin10
-V2RemoteSense(LPQ201-Monly)
MatingConnectors
ACInput(SK1):
Molex09-50-8031(connector)
PINS:08-52-0113
ACGround:
Molex01-90020001
DCOutput(SK2): Terminalblock
WiresizebasedonCableAmpacity/AWG
ControlSignals
(SK3):
Molex90142-0010(USA)
PINS:90119-2110or
LANDWIN:2580S0803
PINS:2583T021V
EmersonNetworkPowerConnectorKit#70-841-027,includesalloftheabove.
1. Specificationssubjecttochangewithoutnotice.
2. Alldimensionsininches(mm),toleranceis±0.02”(±0.5mm)
3. MountingholesMH1andMH2shouldbegroundedforEMIpurposes.
4. MountingholeMH1issafetygroundconnection.
5. Specificationsareforconvectionratingatfactorysettingsat115VACinput,25
°Cunlessotherwisestated.
6. Thispowersupplyrequiresmountingonmetal
standoffs0.20”(5m)inheight.
7. Warranty:2years
8. Weight:1.5lbs/0.68kg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com