Electronic Components Datasheet Search
  English  ▼

X  

ZADCS146 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ZADCS146
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS146 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ZADCS146 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 26Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
22 of 25
Hardware Power Down
The third power down mode is called Hardware Power-Down. It is initiated by pulling the nSHDN pin LOW. If
this condition is true, the device will immediately shut down all circuitry just as in Full Power Down-Mode.
The IC wakes up if nSHDN is tied HIGH. There is no internal pull-up that would allow nSHDN to float during
normal operation. This ensures the lowest possible power consumption in power down mode.
General Power Considerations
Even without activating any power down mode, the ZADCS146 and ZADCS147 reduce their power
consumption between conversions automatically. The comparator, which contributes a considerable amount
to the overall current consumption of the device, is shut off as soon as a conversion is ended. It gets turned on
at the start of the next acquisition period. This explains the difference between the IDDstatic and IDDactive
measurements shown in chapter 1.4 Typical Operating Characteristics.
The average current consumption of the device depends very much on the sampling frequency and the type
of protocol used to communicate with the device.
In order to achieve the lowest power consumption at low sampling frequencies, it is suggested to keep the
conversion clock frequency at the maximum level of 3.2MHz and to power down the device between
consecutive conversions. Figure 16 shows the characteristic current consumption of the ZADCS147 with
external reference supply versus Sampling Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com