Electronic Components Datasheet Search
  English  ▼

X  

ZADCS146 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZADCS146
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS146 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZADCS146 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZADCS146 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
6 of 25
List of Tables
Table 1: Absolute Maximum Ratings..........................................................................................................................7
Table 2: Pin list ZADCS146 / ZADCS147...................................................................................................................8
Table 3: Channel selection in Single Ended Mode...................................................................................................14
Table 4: Channel selection in Differential Mode.......................................................................................................14
Table 5: Control Byte Format ...................................................................................................................................18
Table 6: Timing Characterisitics (VDD = +2.7V to + 5.25V; 
= 
… 
)
OP
OPmin
OPmax ...............................................20
Table 7: Package Dimensions for ZADC146/ZADCS147 devices (mm)..................................................................24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com