Electronic Components Datasheet Search
  English  ▼

X  

ZSC31050FEC Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZSC31050FEC
Description  Advanced Differential Sensor Signal Conditioner
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31050FEC Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZSC31050FEC Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 13Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 14Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 15Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 16Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ZSC31050
Advanced Differential Sensor Signal Conditioner
Data Sheet
July 7, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.12
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
13 of 31
2
Circuit Description
Note: This data sheet provides specifications and a general overview of ZSC31050 operation. For details of
operation, including configuration settings and related EEPROM registers, refer to the ZSC31050 Functional
Description.
2.1. Signal Flow
The ZSC31050
’s signal path includes both analog (shown in pink in Figure 2.1) and digital (blue) sections. The
analog path is differential; i.e., the differential bridge sensor signal is handled internally via two signal lines that
are symmetrical around a common mode potential (analog ground = VDDA/2), which improves noise rejection.
Therefore it is possible to amplify positive and negative input signals, which are located in the common mode
range of the signal input.
Figure 2.1
Block Diagram of the ZSC31050
Gain
Factor
Sensor Bridge
Ext. Temp. Sens.
Int. Temp. Sensor
Analog Front-End (AFE)
MUX
ADC
PGA
+
External
Temperature
Sensor
IR_TEMP
VBR
VINP
VINN
Digital Section
Temp. Sens.
Select
ADC Mode
Offset
Shift
CTRL-REGS
SCL
SIF
SDA
PCOMP
FIO1
FIO2
OUT /
OWI
IO1
IO2
DAC
PWM
Interfaces
CMC
EEPROM
RAM
IN3
PGA
Programmable Gain Amplifier
MUX
Multiplexer
ADC
Analog-to-Digital Converter
CMC
Calibration Microcontroller
DAC
Digital-to-Analog Converter
FIO1
Flexible I/O 1: Analog Out (voltage/current), PWM2, ZACwire
TM (one-wire-interface)
FIO2
Flexible I/O 2: PWM1, SPI Data Out, SPI Slave Select, Alarm1, Alarm2
SIF
Serial interface: I
2C™ Data I/O, SPI Data In, Clock
PCOMP
Programmable Comparator
EEPROM
Nonvolatile Memory for Calibration Parameters and Configuration
TS
On-Chip Temperature Sensor (pn-junction)
ROM
Memory for Correction Formula and Algorithm
PWM
PWM Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com