Electronic Components Datasheet Search
  English  ▼

X  

ZSC31050FEC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZSC31050FEC
Description  Advanced Differential Sensor Signal Conditioner
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31050FEC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ZSC31050FEC Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31050FEC Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ZSC31050
Advanced Differential Sensor Signal Conditioner
Data Sheet
July 7, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.12
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
7 of 31
No.
Parameter
Symbol
Conditions
Min
Typical
Max
Unit
1.2.5
Analog supply voltage
VDDA
Ratiometric mode
2.7
5.5
V DC
1.2.6
Analog supply voltage
advanced performance
VDDAADV
Ratiometric mode
4.5
5.5
V DC
1.2.7
Digital supply voltage
VDD
Externally powered
1.05
VDDA
2.7
V DC
1.2.8
External supply voltage
VSUPP
Voltage Regulator Mode
with ext. JFET
1
VDDA +
2V
V DC
1.2.9
Common mode input range
VIN_CM
Depends on gain adjust,
refer to section 2.3.1.
0.21
0.76
VADC_
REF
1.2.10
Input voltage FBP pin
VIN_FBP
-1
VDDA
V DC
1.2.11
Sensor bridge resistance
2
(over full temperature
range)
RBR
3.0
25.0
k
RBR_CL
Current loop interface,
4 to 20mA
5.0
25.0
k
1.2.12
Reference resistor for
bridge current source *
RBR_REF
Bridge current
IBR = VDDA / (16·RBR_REF)
0.07
RBR
1.2.13
Stabilization capacitor *
CVDDA
External capacitor
between VDDA and VSS
50
100
470
nF
1.2.14
VDD stabilization
capacitor*
CVDD
Between VDD
and VSS, external
3
0
100
470
nF
1.2.15
Maximum load capacitance
allowed at OUT
4
CL_OUT
Output Voltage Mode
50
nF
1.2.16
Minimum load resistance
allowed
RL_OUT
Output Voltage Mode
2
k
1.2.17
Maximum load capacitance
allowed at VGATE
CL_VGATE
Total capacitance relative
to all potentials
10
nF
1.
Maximum depends on the breakdown voltage of the external JFET; refer to the application recommendations in the ZSC31050
Application Note
—0-10V Output.
2.
No minimum limitation with an external connection between VDDA and VBR.
3.
Lower stabilization capacitors can increase noise level at the output.
4.
If maximum is used, consider the special requirements of the ZACwire
™ interface stated in the ZSC31050 Functional Description,
section 4.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com