Electronic Components Datasheet Search
  English  ▼

X  

ACR22 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ACR22
Description  AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACR22 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ACR22 Datasheet HTML 1Page - Panasonic Semiconductor ACR22 Datasheet HTML 2Page - Panasonic Semiconductor ACR22 Datasheet HTML 3Page - Panasonic Semiconductor ACR22 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CV (ACV)
ASCTB230E 201203-T1
5-(1). Electrical life test (Resistive load)
Sample: ACV11012, 3pcs.
Load: Resistive load (NC switching) 10A
Switching frequency: ON 1s, OFF 1s
Ambient temperature: Room temperature
Circuit
Change of pick-up and drop-out voltage
Change of contact resistance
13.5VDC
Max.
Max.
Min.
Min.
X
X
0
2
1
4
6
7
5
3
10
05
No. of operations,
× 104
Pick-up voltage
Drop-out voltage
0
Max.
Min.
X
10
5
20
30
25
15
10
05
No. of operations,
× 104
Load current waveform
200ms
5A
200ms
10V
Up: Coil
voltage
waveform
Down: Load
current
waveform
5-(2). Electrical life test (Lamp load)
Sample: ACV31212, 3pcs.
Load: 55Wx4, inrush: 90A/steady: 20A,
lamp actual load
Switching frequency: ON 1s, OFF 14s
Ambient temperature: Room temperature
Circuit
13.5VDC
55W
55W
55W
55W
Change of pick-up and drop-out voltage
Change of contact resistance
Max.
Max.
Min.
Min.
X
X
0
2
1
4
6
7
5
3
20
010
No. of operations,
× 104
Pick-up voltage
Drop-out voltage
Max.
Min.
X
0
10
5
20
30
25
15
20
010
No. of operations,
× 104
Load current waveform
Inrush current: 90A, steady current: 20A
200ms
20A
200ms
10V
Up: Coil
voltage
waveform
Down: Load
current
waveform



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com