Electronic Components Datasheet Search
  English  ▼

X  

ACR22 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ACR22
Description  AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACR22 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ACR22 Datasheet HTML 1Page - Panasonic Semiconductor ACR22 Datasheet HTML 2Page - Panasonic Semiconductor ACR22 Datasheet HTML 3Page - Panasonic Semiconductor ACR22 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CV (ACV)
ASCTB230E 201203-T1
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. Please refer to “Usage ambient
condition” in CAUTIONS FOR USE OF AUTOMOTIVE RELAYS.
*3. Please inquire if you will be using the relay in a high temperature atmosphere.
*
Regarding solder, this product is not MIL (Military Standard) compliant. Please evaluate solder mounting by the actual equipment before using.
REFERENCE DATA
Characteristics
Item
Specifications
Contact
Arrangement
1 Form A
1 Form C
Contact resistance (Initial)
Typ 3m
Ω (By voltage drop 6V DC 1A)
Contact voltage drop (after electrical life test)
N.O.: Max. 0.2 V (By voltage drop 14 V DC 20 A)
N.O.: Max. 0.2 V (By voltage drop 14 V DC 20 A)
N.C.: Max. 0.5 V (By voltage drop 14 V DC 10 A)
Contact material
Ag alloy (Cadmium free)
Rating
Nominal switching capacity (resistive load)
N.O.: 20 A 14V DC
N.O.: 20 A 14V DC, N.C.: 10 A 14V DC
Max. carrying current
(at 85
°C 185°F, continuous)
N.O.: 20 A 14V DC
N.O.: 20 A 14V DC
N.C.: 10 A 14V DC
Nominal operating power
0.8 W, 1.0 W (built-in resistor type)
Min. switching capacity (resistive load)*1
1 A 12V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 20 M
Ω (at 500V DC)
Breakdown
voltage (Initial)
Between open contacts
500 Vrms for 1 min. (Detection current: 10mA)
Between contacts and coil
500 Vrms for 1 min. (Detection current: 10mA)
Operate time (at nominal voltage)
(at 20
°C 68°F)
Max. 10ms (excluding contact bounce time) (Initial)
Release time (at nominal voltage)
(at 20
°C 68°F)
Max. 10ms (excluding contact bounce time) (Initial)
Mechanical
characteristics
Shock
resistance
Functional
Min. 100 m/s2 {10G} (Half-wave pulse of sine wave: 11ms; detection time: 10
µs)
Destructive
Min. 1,000 m/s2 {100G} (Half-wave pulse of sine wave: 6ms)
Vibration
resistance
Functional
10 Hz to 100 Hz, Min. 44.1 m/s2 {4.5G} (Detection time: 10
µs)
Destructive
10 Hz to 500 Hz, Min. 44.1 m/s2 {4.5G}, Time of vibration for each direction; X, Y, Z direction: 4 hours
Expected life
Mechanical
Min. 106 (at 120 cpm)
Electrical (at nominal switching capacity)
Min. 105 (operating frequency: 2s ON, 2s OFF)
Conditions
Conditions for operation, transport and
storage*2
Ambient temperature: –40
°C to +85°C –40°F to +185°F*3,
Humidity: 5% R.H. to 85% R.H. (Not freezing and condensing at low temperature),
air pressure: 86 to 106kPa
Mass
Approx. 15 g .53 oz
1. Coil temperature rise (20A)
Point measured: Inside the coil
Contact carrying current: 20A
Coil applied voltage: 13.5V
2. Distribution of pick-up and drop-out voltage
Sample: ACV11012, 100pcs
3. Distribution of operate and release time
Sample: ACV11012, 100pcs.
0
30
60
90
120
150
180
55
85
75
65
Ambient temperature,
°C
20A
0
30
20
10
40
50
60
70
Voltage, V
1.5
01
2.0 2.5 3.0 3.5
4.5 5.0
4.0
5.5 6.0 6.5 7.0 7.5
Pick-up voltage
Drop-out voltage
0
30
20
10
40
50
60
70
80
90
100
3.0
2.0
1.5
1.0
0.5
0
2.5
3.5
4.5 5.0 5.5 6.0
4.0
Operate time
Operate and release time, ms
Release time
4. Ambient temperature and operating voltage
range
0
5
10
15
30
25
20
–40 –20
20
40
60
80 85 100
0
120
Operation range
Pick-up voltage
(Cold start)
Ambient temperature,
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com