Electronic Components Datasheet Search
  English  ▼

X  

ADG787 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG787
Description  Tape and Reel Packaging
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG787 Datasheet(HTML) 4 Page - Analog Devices

  ADG787 Datasheet HTML 1Page - Analog Devices ADG787 Datasheet HTML 2Page - Analog Devices ADG787 Datasheet HTML 3Page - Analog Devices ADG787 Datasheet HTML 4Page - Analog Devices ADG787 Datasheet HTML 5Page - Analog Devices ADG787 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Table 1. Standard Package Tape and Reel (Continued) (See Page 5 for Reel Definitions)
Device Package Type
Package
Designator
Body Size
(mm)
Number
of Leads
Reel Quantity
Tape Width
(mm)
Tape Pitch
(mm)
Pin 1
Orientation
7" Reel
13" Reel (4" Hub)
13" Reel (6" Hub)
MQFP
S
10
× 10 × 2.0
All counts
Not offered
800
Not offered
24
24
C2
MQFP
S
14
× 14 × 2.0
All counts
Not offered
600
Not offered
32
24
C2
MQFP2
S
14
× 14 × 2.7
All counts
Not offered
5002
Not offered
12
8
C2
CSP_BGA
BC
5
× 5
All counts
Not offered
4000
Not offered
12
8
C2
CSP_BGA
BC
6
× 6
All counts
Not offered
2500
Not offered
12
8
C2
CSP_BGA
BC
7
× 7
All counts
Not offered
2000
Not offered
16
12
C2
CSP_BGA
BC
8
× 8
All counts
Not offered
2000
Not offered
16
12
C2
CSP_BGA
BC
9
× 9
All counts
500
2000
Not offered
16
12
C2
CSP_BGA
BC
10
× 10
All counts
400
1500
Not offered
24
16
C2
CSP_BGA
BC
12
× 12
All counts
Not offered
1500
Not offered
24
16
C2
CSP_BGA
BC
13
× 13
All counts
Not offered
1000
Not offered
24
24
C2
CSP_BGA
BC
17
× 17
All counts
Not offered
1000
Not offered
24
24
C2
BGA
B
19
× 19
All counts
Not offered
Not offered
700
32
24
C2
BGA
B
23
× 23
All counts
Not offered
Not offered
450
44
32
C2
BGA
B
27
× 27
All counts
Not offered
Not offered
450
44
32
C2
BGA
B
35
× 35
All counts
Not offered
Not offered
300
56
40
C2
CBGA
BG
7
× 7
32 balls
Not offered
500
Not offered
16
12
C2
LGA
CC
3.5
× 4.5
24
1500
5000
Not offered
12
8
C1
LGA
CC
6
× 8
All counts
1000
4000
Not offered
16
8
C1
LGA
CC
8
× 10
All counts
Not offered
2000
Not offered
24
12
C1
LGA
CC
10
× 10
All counts
Not offered
2000
Not offered
24
12
C2
LFCSP4
CP
3
× 2
All counts
3000
10,000
Not offered
12
4
C1
LFCSP
CP
3
× 3
All counts
1500
5000
Not offered
12
8
C2
LFCSP
CP
4
× 4
All counts
1500
5000
Not offered
12
8
C2
LFCSP
CP
4
× 5
All counts
1500
5000
Not offered
12
8
C1
LFCSP
CP
5
× 5
All counts
1500
5000
Not offered
12
8
C2
LFCSP
CP
6
× 6
All counts
750
2500
Not offered
16
12
C2
LFCSP
CP
7
× 7
All counts
750
2500
Not offered
16
12
C2
LFCSP
CP
8
× 8
All counts
750
2500
Not offered
16
12
C2
LFCSP
CP
9
× 9
All counts
750
2500
Not offered
16
12
C2
LFCSP
CP
10
× 10
All counts
Not offered
2000
Not offered
24
16
C2
LFCSP
CP
5
× 5 × 1.45
All counts
Not offered
4000
Not offered
12
8
C2
LFCSP
CP
4
× 4 × 1.45
All counts
Not offered
4000
Not offered
12
8
C2
LFCSP
CP
3
× 5 × 1.45
All counts
1000
4000
Not offered
12
8
C1
LFCSP
CP
2
× 3 × 0.75
All counts
3000
10,000
Not offered
12
4
C2
LFCSP
CP
1.6
×1.3×0.55
All counts
3000
10,000
Not offered
8
4
C1
LFCSP
CP
2.1
×2.1×0.55
All counts
3000
10,000
Not offered
8
4
C1
LFCSP
CP
3
× 3 × 0.75
All counts
1500
5000
Not offered
12
8
C2
1
For SOT-23 packages with greater than three leads, use the RJ designator.
2
Advantek part number Q14X14-HHX52.OP2 is the only approved carrier tape for this package. When boxing this reel, dunnage (crumpled kraft paper) shall be used between the reel.
3
For bumped die or WLCSP packages, see Table 2. Orientation for these devices is as per EIA783 (bumps facing bottom of carrier cavity; Pin 1 towards sprocket holes).
4
Standard thickness for LFCSP is 0.85 mm, except when noted.
www.analog.com
| 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com