Electronic Components Datasheet Search
  English  ▼

X  

ADG787 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG787
Description  Tape and Reel Packaging
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG787 Datasheet(HTML) 3 Page - Analog Devices

  ADG787 Datasheet HTML 1Page - Analog Devices ADG787 Datasheet HTML 2Page - Analog Devices ADG787 Datasheet HTML 3Page - Analog Devices ADG787 Datasheet HTML 4Page - Analog Devices ADG787 Datasheet HTML 5Page - Analog Devices ADG787 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Table 1. Standard Package Tape and Reel (See Page 5 for Reel Definitions)
Device Package Type
Package
Designator
Body Size
(mm)
Number
of Leads
Reel Quantity
Tape Width
(mm)
Tape Pitch
(mm)
Pin 1
Orientation
7" Reel
13" Reel (4" Hub)
13" Reel (6" Hub)
PLCC
P
N/A
20
250
1000
N/A
16
12
M1
PLCC
P
N/A
28, 32
Not offered
750
N/A
24
16
M1
PLCC
P
N/A
44
Not offered
500
N/A
32
24
M1
PLCC
P
N/A
68
Not offered
N/A
250
44
32
M1
PLCC
P
N/A
84
Not offered
N/A
250
44
36
M1
JLCC
J
N/A
28
Not offered
250
N/A
24
16
M1
JLCC
J
N/A
44
Not offered
500
N/A
32
24
M1
LCC
E
N/A
8
250
3000
N/A
12
8
M1
SOIC_N/SOIC_N_EP
R/RD
N/A
8
1000
2500
N/A
12
8
C1
SOIC_N/SOIC_N_EP
R/RD
N/A
14, 16
1000
2500
N/A
16
8
C1
QSOP
RQ/RC
N/A
16
1000
2500
N/A
12
8
C1
QSOP
RQ
N/A
20, 24, 28
1000
2500
N/A
16
8
C1
SOIC_W/SOIC_W_BAT
RW/RB
N/A
14, 16
400
1000
N/A
16
12
C1
SOIC_W/SOIC_W_BAT
RW/RB
N/A
18
400
1000
N/A
24
16
C1
SOIC_W/SOIC_W_BAT
RW/RB
N/A
20, 24
400
1000
N/A
24
12
C1
SOIC_W/SOIC_W_BAT
RW/RB
N/A
28
400
1000
N/A
32
12
C1
SSOP
RS
N/A
16, 20, 24
500
1500
N/A
16
12
C1
SSOP
RS
N/A
28
500
1500
N/A
24
12
C1
PSOP2
RP
N/A
20, 28
200
1000
N/A
24
12
C1
PSOP3
RR
N/A
20
Not offered
750
N/A
24
20
C1
SOT_23_3
RT
N/A
3
3000
10,000
N/A
8
4
C4
SOT_231
RJ/RT
N/A
5, 6, 8
3000
10,000
N/A
8
4
C4
SOT-143
RA
N/A
4
3000
10,000
N/A
8
4
C4
TSOT
UJ
N/A
5, 6, 8
3000
10,000
N/A
8
4
C4
SOT-223
KC
N/A
3
500
2500
N/A
16
12
C4
SC70
KS
N/A
3, 4, 5, 6
3000
10,000
N/A
8
4
C4
TSSOP_4.4
RU/RE
N/A
8, 14, 16, 20,
24, 28, 38
1000
2500
N/A
16
8
C1
TSSOP_6.1
RV
N/A
28, 48
Not offered
2500
N/A
24
12
C1
MSOP
RM/RH
N/A
8, 10
1000
3000
N/A
12
8
C1
CERPAK
QC
N/A
14
Not offered
750
N/A
24
16
C1
TQFP
SU/SV
7
× 7 × 1.0
All counts
500
2000
Not offered
16
12
C2
TQFP
SU/SV
10
× 10 × 1.0
All counts
Not offered
1500
Not offered
24
16
C2
TQFP
SU/SV
12
× 12 × 1.0
All counts
Not offered
1000
Not offered
24
24
C2
TQFP
SU/SV
14
× 14 × 1.0
All counts
Not offered
1000
Not offered
32
24
C2
LQFP
ST
7
× 7 × 1.4
All counts
500
2000
Not offered
16
12
C2
LQFP
ST
10
× 10 × 1.4
All counts
Not offered
1500
Not offered
24
16
C2
LQFP
ST
12
× 12 × 1.4
All counts
Not offered
1000
Not offered
24
24
C2
LQFP
ST
14
× 14 × 1.4
All counts
Not offered
1000
Not offered
32
24
C2
LQFP
ST
14
× 20 × 1.4
All counts
Not offered
1000
Not offered
44
24
C1
3
| Tape and Reel Packaging



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com