Electronic Components Datasheet Search
  English  ▼

X  

AT7821 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT7821
Description  COMPACT SIZE TIMER COMMON OPTIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT7821 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT7821 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT7821 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT7821 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Compact timer
protective cover
• 8P cap
• Rear terminal socket: M3.5
The terminal socket can be used for two
installation methods for the back and the
front!
Tolerance: ±0.1 ±.004
AD8-RC
N-TC
AT78041
When a flush type mounting frame is used for
the exposed type, 8P cap should be installed.
The dimensions B and C are
shown in the table below.
(Unit: mm, inch)
When installing 8P cap:
Features
1. The cover prevents the timer from
operating improperly after setting the
time. It also works as a compact dust
cover.
2. The cover is applicable for all types
of the fingertip flush type mounting
frames for the compact timer.
Press the points on the protective cover
(indicated by arrows) to bend the ribs,
and hook the ribs inside the mounting
frame window. The protective cover can
be installed if the timer is inserted into
the mounting frame.
Installation
Dimensions (Unit: mm, inch)
Tolerance: ±0.3 ±.012
Installation
1. Insert the mounting frame surface
into the panel from its front surface.
Removal
Remove the timer in the reverse order of installation.
3. Hang the hooks on the timer base
to secure the timer to the flush type
mounting frame.
2. After installing the panel, insert the
timer to be used from the back of the
panel.
Note: The panel which is
installed onto the flush type
mounting frame for the timer
cannot be inserted.
(However, the installation
order is not specified when
the flush type mounting
frame (type S) is used.)
When an applicable timer comes in con-
tact with the collar of the mounting
frame, stop the timer by pressing the
upper and lower hooks in the direction
indicated by arrow. Use the terminal
socket at the back (AT78041) or the 8P
cap (AD8-RC) for the connection wiring.
Rib
Protective
cover
Rib
Frame
40
11.6
1
1
45.6
1.575
.457
.039
.039
1.795
34.6
1.362
31.5
φ
1.240
φ
φ 30
φ1.181
BC
Frame
Timer
Mounting plate
34.6
1.362
10
.394
8p cap
41
1.614
38
1.496
21
.827
Mounting frame
to be used
Type H
Type K
Type MHP
Type MHP-M
Type S
52.8
13.1
51.3
14.6
Dimension
C
Dimension
B
8P cap
Hook
Arm
Terminal socket
Arm
Hook
at the back
COMPACT SIZE TIMER COMMON OPTIONS
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com