Electronic Components Datasheet Search
  English  ▼

X  

AT7821 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AT7821
Description  COMPACT SIZE TIMER COMMON OPTIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT7821 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AT7821 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT7821 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT7821 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The protective cover is applicable for the exposed type plug-in and stand-up
type timers (PMH, MHP-M, MHP)
• Compact timer DIN terminal socket: M3.5
Tolerance: ±0.5 ±.020
Tolerance: ±0.5 ±.020
• Compact size round terminal socket: M35
• GT pipe socket
Tolerance: ±0.5 ±.020
• Mounting rail (Applicable for DIN, IEC standards)
• Fastening plate
• Holding clip for stand-up GT pipe
Tolerance: ±1.0 ±.039
All types of our
compact size
timers can
beeasily installed
on the DIN rail by
using this termi-
nal socket.
AT8-RFD
AT8-RFV
AW68102
AT8-DLA1
Length: 1 m
Aluminum
ATA4806
AT7808
The height of the DIN rail should
be added to the overall height A.
Note: Terminal
number on the
main body are
identical to those
on the terminal
socket.
Note: Terminal number
on the main body are
identical to those on
the terminal socket.
When installing the
terminal socket:
Installing the
terminal socket
Installing the
holding clip
Mounting hole
dimensions
Use the M3
screws for
installation.
Pitch for installing the
timer
When installing the clips
vertically, the pitch for
the timer should be 79
mm or more.
Mounting hole dimensions
Mounting hole dimensions
Without DIN rails
Wiring diagrams
(TOP VIEW)
Wiring diagrams
(TOP VIEW)
37.2
1.465
71
2.795
24.5
.965
Wire holding clip
Approx.
87.2
3.433
Approx.
91.6
3.606
A
±
71
2.795
34
0.2
±
1.339
.008
The minimum distance
between the holes which
areparallel drilled.
40 1.575
37.2
1.465
2-M4 2-M.157 screw hole
(or
4.2±0.1
.165±.004 hole)
φ
φ
71
82
64
53
71
82
64
53
20
.787
38
1.496
72
2.835
Wire holding
clip
±
72
2.835
34
0.2
±
1.339
.008
The minimum distance
between the holes which
areparallel drilled.
40 1.575
38
1.496
2-M4 2-M.157 screw hole
(or
4.2±0.1
.165±.004 hole)
φ
φ
39
1.535
48.4
1.906
33
1.299
16
.630
2-3.2
× 6 Fixing hole
2-.087
× 6
4.8
.189
63
2.480
Approx. 60
2.362
Approx.
64
2.520
(or
3.5
.138
hole)
30
1.181 hole
39
1.535
screw hole
2-M3 2-M.118
φ
φ
φ
φ
Oval hole: 40-5.5x15 .217x.591
.217
5.5
15
5
10
7.5
.295
1.5
.059
35
1.378
24
.945
±
2.75R .108R
15
1,000
15
.591
.591
.591
.591 .394
.394
.197
.197
10
1
±
39.37 .039
27
1.063
5
15
M4
M.157
ATA4806
12
.472
10
.394
10
.394
50
1.969
COMPACT SIZE TIMER COMMON OPTIONS
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com