Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3008 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZSSC3008
Description  Sensor Signal Conditioner with Diagnostics
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3008 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZSSC3008 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
ZSSC3008
Sensor Signal Conditioner with Diagnostics
Data Sheet
June 14, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.11
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
21 of 46
Table 2.3
Summary of Diagnostic Features
Detected Fault
Analog
Diagnostic Level
ZACwire
TM Diagnostic
Delay in Detection
EEPROM signature
Lower
Generates parity error
10ms after power-on
Loss of bridge positive
Upper
Generates parity error
2ms
Loss of bridge negative
Upper
Generates parity error
2ms
Open bridge connection
Upper
Generates parity error
2ms
Bridge input short
Upper
Generates parity error
2ms
Loss of VDD
Lower
Transmissions stop
Dependent on RL and CL
Loss of VSS
Upper
Transmissions stop
Dependent on RL and CL
2.6.1.
EEPROM Integrity
The contents of the EEPROM are protected by an 8-bit LFSR signature (linear feedback shift register). This sig-
nature is regenerated and stored in EEPROM every time EEPROM contents are changed. This signature is gen-
erated and checked for a match after Power-On-Reset prior to entering Normal Operation Mode. If the generated
signature fails to match, the part will output a diagnostic state on the output.
In addition to an extensive temporal and code interlock mechanism used to prevent false writes to the EEPROM,
the ZSSC3008 offers an EEPROM lock mechanism for high-security applications. When EEPROM bits 105:103
are programmed with “011” or “110,” this 3-bit field will permanently disable the VPP charge pump and will not
allow further writes to the EEPROM. See Table 2.3 in section 2.6 for more information.
2.6.2.
Sensor Connection Check
Four dedicated comparators permanently check the range of the bridge inputs (BP/BN) to ensure they are within
the envelope of 0.8V to 0.85
VDD during all conversions. The two sensor inputs have a switched ohmic path to
ground and if left floating, would be discharged. If any of the wires connecting the bridge break, this mechanism
will detect it and put the ASIC in a diagnostic state. This same diagnostic feature can also detect a short between
BP/BN. See Table 2.3 in section 2.6 for more information.
2.6.3.
Sensor Short Check
If a short occurs between BP/BN (bridge inputs), it would normally produce an in-range output signal and there-
fore would not be detected as a fault. This diagnostic mode, if enabled, will deliberately look for such a short. After
the measurement cycle of the bridge, it will deliberately pull the BP bridge input to ground for 4
sec. At the end of
this 4
sec window, it will check to see if the BN input “followed” it down below the 0.8V comparator checkpoint. If
so, a short must exist between BP/BN, and the part will output a diagnostic state. The bridge will have a minimum
of 480
sec recovery time prior to the next measurement. See Table 2.3 in section 2.6 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com