Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3008 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSSC3008
Description  Sensor Signal Conditioner with Diagnostics
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3008 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSSC3008 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3008 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
ZSSC3008
Sensor Signal Conditioner with Diagnostics
Data Sheet
June 14, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.11
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 46
1.3.
Electrical Parameters
Note: In this section, an asterisk (*) marks parameters for which there is no verification in mass production; the parameter is
guaranteed by design and/or quality observation.
Table 1.3
Supply/Regulation Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
VDD
2.7
5.0
5.5
V
0.25
mA
At minimum update rate
Supply Current (varies with
update rate and output mode)
IDD
1.0
1.4
mA
At maximum update rate
Power Supply Rejection Ratio *
PSRR
60
dB
Power-On Reset Level
POR
1.4
2.6
V
Table 1.4
Parameters for Analog Front-End (AFE)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Leakage Current Pin VBP,VBN
IIN_LEAK
10
nA
Sensor connection and short
check must be disabled.
Table 1.5
Parameters for EEPROM
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Number Write Cycles
nWRI_EEP
100k
Cycles At 85
C
Data Retention
tWRI_EEP
10
Years At 100
C
Table 1.6
Parameters for A/D Converter
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
ADC Resolution
rADC
14
Bit
Integral Nonlinearity (INL)
1
INLADC
-4
+4
LSB
Based on ideal slope
Differential Nonlinearity (DNL) *
DNLADC
-1
+1
LSB
1)
Note: This is
 4 LSBs for the 14-bit A-to-D conversion. This results in absolute accuracy to 12-bits on the A-to-D result. Non-linearity is
typically better at temperatures less than 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com