Electronic Components Datasheet Search
  English  ▼

X  

DB107 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DB107
Description  1.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DB107 Datasheet(HTML) 1 Page - Diodes Incorporated

  DB107 Datasheet HTML 1Page - Diodes Incorporated DB107 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S21211 Rev. C-3
1 of 2
DB101-DB107
·
UL Recognized Component
·
Ideal for Printed Circuit Board
·
Glass Passivated Chip Junctions, Surge Overload
Rating of 50A Peak
·
Simple, Compact Structure for Trouble-free
Performance
·
Plastic Package - UL Flammability
Classification 94V-0
Mechanical Data
Features
·
Terminals: Tin Plated Leads Solderable per
MIL-STD-202, Method 208
·
Case: Transfer Molded Epoxy
·
Mounting Position: Any
·
Polarity: Polarity Symbols Marked on Body
·
Approx. Weight: 1.0 grams
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
DB
101
DB
102
DB
103
DB
104
DB
105
DB
106
DB
107
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Rectified Output Current @ TA = 40
°C
I(AV)
1.0
A
Peak Forward Surge Current Single Half Sine-wave
Superimposed on Rated Load (JEDEC Method)
IFSM
50
A
Maximum Instantaneous Forward Voltage drop
per Element at IF = 1.0A
VF
1.1
V
Maximum Reverse DC Current at Rated
@ TA =25
°C
DC Blocking Voltage per Element
@ TA = 100
°C
IR
10
1.0
mA
mA
Typical Thermal Resistance (Note 1)
RqJA
40
K/W
Storage and Operating Temperature Range
TJ,TSTG
-55 to +150
°C
DB101 - DB107
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DB-1
Dim
Min
Max
A
6.10
6.60
B
7.11
8.13
C
8.13
9.40
D
0.20
0.38
E
-
9.40
G
-
3.30
H
-
5.51
J
2.80
3.68
K
1.02
1.40
L
0.51 Typical
M
5.15 Typical
All Dimensions in mm
D
E
H
J
K
L
M
B
A
C
G
Notes:
1. Thermal resistance from junction to ambient mounted on PC board with 13mm x 13mm copper pads.
2. 60 Hz resistive or inductive load.
3. For capacitive load, derate current by 20%.


Similar Part No. - DB107

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB107 RECTRON-DB107 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB107 BYTES-DB107 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
DB107 DCCOM-DB107 Datasheet
375Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
DB107 FORMOSA-DB107 Datasheet
34Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
DB107 MCC-DB107 Datasheet
84Kb / 2P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - DB107

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005 WTE-DF005 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DF005S WTE-DF005S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DF005 WTE-DF005_06 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
DF005M TAITRON-DF005M Datasheet
145Kb / 4P
1.0A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
DF01S-TF DIODES-DF01S-TF Datasheet
84Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
DB101 ZSELEC-DB101 Datasheet
73Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DI100 ZSELEC-DI100 Datasheet
116Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
S1WB05 ZSELEC-S1WB05 Datasheet
102Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB102 YFWDIODE-DB102 Datasheet
438Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com