Electronic Components Datasheet Search
  English  ▼

X  

DB107 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DB107
Description  1.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DB107 Datasheet(HTML) 2 Page - Diodes Incorporated

  DB107 Datasheet HTML 1Page - Diodes Incorporated DB107 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S21211 Rev. C-3
2 of 2
DB101-DB107
0
0.2
0.4
0.6
0.8
1.0
20
40
60
80
100
120 140
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Maximum Output Rectified Current
A
Mounted on PC board
with 12.7 X 12.7mm Copper pads
Note 1
60 Hz Resistive or Inductive Load
0
10
20
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 4 Max Non-Repetitive Peak Forward Surge Current
30
40
50
60
0.01
0.1
1.0
10
100
0
20
40
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 3 Typical Reverse Characteristics
T = 25ºC
J
TJ = 125°C
0.4
0.6
0.8
0.01
0.1
1.0
10
V , INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Fig. 2 Typical Forward Characteristics
F
1.0
1.2
1.4
TJ = 25ºC
Pulse Width = 300µs
2% Duty Cycle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com