Electronic Components Datasheet Search
  English  ▼

X  

DT014 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DT014
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DT014 Datasheet(HTML) 1 Page - Diodes Incorporated

  DT014 Datasheet HTML 1Page - Diodes Incorporated DT014 Datasheet HTML 2Page - Diodes Incorporated DT014 Datasheet HTML 3Page - Diodes Incorporated DT014 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D
S11602 Rev.C-4
1 of 4
DT014
DT014
N-CHANNEL ENHANCEMENT MODE
FIELD EFFECT TRANSISTOR
·
SOT-223 Plastic Case
·
Terminal Connections: See Outline Drawing
and Internal Circuit Diagram Above
Thermal Characteristics
Notes:
1. RQJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as
the
solder mounting surface of the drain pins. RQJC is guaranteed by design while RQCA is determined by the user’s board design.
1a. With 1 in2 oz 2 oz. copper mounting pad RQJA = 42°C/W.
1b. With 0.0066 in2 oz 2 oz. copper mounting pad RQJA = 95°C/W.
1c. With 0.0123 in2 oz 2 oz. copper mounting pad RQJA = 110°C/W.
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Note 1a Continuous
Pulsed
ID
±2.7
±10
A
Maximum Power Dissipation
Note 1a
Note 1b
Note 1c
Pd
3.0
1.3
1.1
W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
·
High Cell Density DMOS Technology
·
Low On-State Resistance
·
High Power and Current Capability
·
Fast Switching Speed
·
High Transient Tolerance
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction-to-Ambient
Note 1
RQJA
42
°C/W
Thermal Resistance, Junction-to-Case
RQJC
12
°C/W
Features
Maximum Ratings 25°C unless otherwise specified
D
G
D
S
A
B
C D
G
H
J
K
L
M
N
P
R
S
E
Mechanical Data
SOT-223
Dim
Min
Max
A
6.30
6.71
B
2.90
3.10
C
6.71
7.29
D
3.30
3.71
E
2.22
2.35
G
0.92
1.00
H
1.10
1.30
J
1.55
1.80
K
0.025
0.102
L
0.66
0.79
M
4.55
4.70
N
—
10°
P
10°
16°
R
0.254
0.356
S
10°
16°
All Dimensions in mm


Similar Part No. - DT014

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DT014L DIODES-DT014L Datasheet
73Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11603 Rev. C-4
More results

Similar Description - DT014

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com