Electronic Components Datasheet Search
  English  ▼

X  

DT014 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DT014
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DT014 Datasheet(HTML) 2 Page - Diodes Incorporated

  DT014 Datasheet HTML 1Page - Diodes Incorporated DT014 Datasheet HTML 2Page - Diodes Incorporated DT014 Datasheet HTML 3Page - Diodes Incorporated DT014 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D
S11602 Rev.C-4
2 of 4
DT014
Electrical Characteristics25°C unless otherwise specified
Notes:
2. Pulse Test: Pulse width
l 300µs, duty cycle l 2.0%.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
Tj =125°C
IDSS
—
—
—
—
25
250
µA
VDS = 60V, VGS = 0V
VDS = 48V, VGS = 0V
Gate-Body Leakage, Forward
IGSSF
—
—
100
nA
VGS = 20V, VDS = 0V
Gate-Body Leakage, Reverse
IGSSR
—
—
-100
nA
VGS = -20V, VDS = 0V
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(th)
2.0
3.0
4.0
V
VDS =VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
—
0.18
0.2
W
VGS = 10V, ID = 1.6A
Forward Transconductance
gFS
—
2.0
—
m
VDS = 25V, ID = 1.6A
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
—
155
—
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
COSS
—60—
pF
Reverse Transfer Capacitance
CRSS
—15—
pF
SWITCHING CHARACTERISTICS (Note 2)
Turn-On Delay Time
tD(ON)
—10
20
ns
VDD = 30V, ID = 10A
VGEN = 10V, RGEN = 24
W
Turn-On Rise Time
tr
—
64
100
ns
Turn-Off Delay Time
tD(OFF)
—10
20
ns
Turn-Off Fall Time
tf
—10
20
ns
Total Gate Charge
Qg
—
5.0
11
nC
VDS = 48V. ID = 10A.
VGS = 10V
Gate-Source Charge
Qgs
—
1.2
3.1
nC
Gate-Drain Charge
Qgd
—
2.0
5.8
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Max Continuous Drain-Source Diode
Forward Current
IS
—
—
2.7
A
Max Pulsed Drain-Source Diode
Forward Current
ISM
—
—
22
A
Drain-Source Diode Forward Voltage
(Note 2)
VSD
—
0.95
1.6
V
VGS = 0V, IS = 2.7A
Reverse Recovery Time
trr
—
—
140
ns
VGS = 0V, IF = 10A
dlF / dt = 100A/µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com