Electronic Components Datasheet Search
  English  ▼

X  

2SC4185 Datasheet(PDF) 3 Page - NEC

Part # 2SC4185
Description  UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4185 Datasheet(HTML) 3 Page - NEC

  2SC4185 Datasheet HTML 1Page - NEC 2SC4185 Datasheet HTML 2Page - NEC 2SC4185 Datasheet HTML 3Page - NEC 2SC4185 Datasheet HTML 4Page - NEC 2SC4185 Datasheet HTML 5Page - NEC 2SC4185 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC4185
3
S-PARAMETER
VCE = 3 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.000
0.804
–45.7
8.213
145.8
0.051
70.5
0.904
–18.9
200.000
0.663
–78.7
6.354
123.4
0.074
55.7
0.749
–27.9
300.000
0.544
–103.3
4.902
107.4
0.090
47.4
0.627
–33.1
400.000
0.483
–121.1
3.925
98.0
0.098
47.5
0.558
–33.6
500.000
0.450
–135.5
3.238
89.4
0.104
46.3
0.501
–33.8
600.000
0.433
–148.6
2.887
84.7
0.115
48.3
0.481
–34.0
700.000
0.418
–160.0
2.571
77.0
0.122
48.4
0.461
–34.2
800.000
0.414
–168.5
2.332
72.3
0.133
50.1
0.455
–36.3
900.000
0.412
–175.2
2.063
66.7
0.139
52.8
0.447
–38.2
1000.000
0.429
178.0
1.899
62.1
0.149
52.6
0.432
–41.9
1100.000
0.445
171.0
1.750
58.6
0.160
55.6
0.423
–45.0
1200.000
0.449
163.0
1.648
53.5
0.172
55.3
0.404
–48.2
1300.000
0.447
157.8
1.575
49.1
0.188
55.8
0.390
–51.1
1400.000
0.446
153.9
1.438
45.2
0.192
55.9
0.379
–54.1
1500.000
0.466
150.6
1.350
39.8
0.206
54.9
0.372
–57.6
1600.000
0.485
147.2
1.267
39.1
0.215
58.1
0.367
–62.0
1700.000
0.502
142.0
1.186
36.3
0.229
57.5
0.359
–66.7
1800.000
0.518
138.0
1.182
34.2
0.249
59.2
0.347
–72.7
1900.000
0.525
134.7
1.135
31.0
0.268
58.1
0.339
–77.7
2000.000
0.538
131.6
1.122
25.8
0.286
56.0
0.330
–82.9
VCE = 3 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.000
0.537
–84.5
14.925
124.8
0.034
63.8
0.705
–29.3
200.000
0.438
–123.6
9.075
103.9
0.047
57.7
0.516
–31.2
300.000
0.393
–145.1
6.339
92.2
0.062
57.9
0.436
–30.4
400.000
0.383
–158.6
4.804
85.5
0.073
62.0
0.401
–28.2
500.000
0.386
–168.4
3.887
79.4
0.084
62.4
0.375
–27.0
600.000
0.390
–177.2
3.368
76.3
0.099
65.7
0.368
–26.8
700.000
0.389
175.1
3.003
70.3
0.111
65.0
0.361
–27.1
800.000
0.392
170.2
2.697
66.3
0.128
65.2
0.359
–28.9
900.000
0.397
166.7
2.371
61.9
0.139
66.3
0.357
–31.2
1000.000
0.422
162.8
2.169
57.9
0.154
64.8
0.346
–34.8
1100.000
0.444
158.1
1.997
55.1
0.166
66.1
0.339
–38.1
1200.000
0.451
151.7
1.872
50.5
0.180
64.8
0.325
–41.3
1300.000
0.456
147.6
1.786
46.3
0.198
64.4
0.315
–44.3
1400.000
0.457
144.9
1.620
42.8
0.205
63.4
0.303
–47.2
1500.000
0.477
142.5
1.519
37.6
0.221
61.8
0.299
–50.7
1600.000
0.495
140.2
1.419
37.1
0.231
63.8
0.294
–55.3
1700.000
0.515
135.9
1.322
34.4
0.246
62.4
0.287
–60.4
1800.000
0.532
132.8
1.313
32.6
0.266
63.3
0.276
–66.6
1900.000
0.541
130.0
1.259
29.5
0.285
61.5
0.269
–72.0
2000.000
0.557
127.3
1.240
24.4
0.305
58.9
0.262
–78.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com