Electronic Components Datasheet Search
  English  ▼

X  

2SC4185 Datasheet(PDF) 4 Page - NEC

Part # 2SC4185
Description  UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4185 Datasheet(HTML) 4 Page - NEC

  2SC4185 Datasheet HTML 1Page - NEC 2SC4185 Datasheet HTML 2Page - NEC 2SC4185 Datasheet HTML 3Page - NEC 2SC4185 Datasheet HTML 4Page - NEC 2SC4185 Datasheet HTML 5Page - NEC 2SC4185 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC4185
4
VCE = 5 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.000
0.816
–42.4
8.284
147.4
0.044
69.4
0.920
–16.7
200.000
0.673
–73.7
6.531
125.5
0.066
57.1
0.777
–24.8
300.000
0.546
–97.6
5.085
109.6
0.083
49.3
0.663
–29.7
400.000
0.478
–115.1
4.100
100.1
0.090
49.3
0.597
–30.1
500.000
0.440
–129.6
3.399
91.5
0.096
48.3
0.542
–30.1
600.000
0.419
–143.0
3.035
86.8
0.106
50.4
0.525
–30.4
700.000
0.402
–154.8
2.708
79.1
0.113
50.5
0.505
–30.4
800.000
0.394
–163.8
2.459
74.4
0.124
51.9
0.501
–32.4
900.000
0.392
–171.1
2.172
68.8
0.130
54.9
0.494
–34.1
1000.000
0.405
–178.3
1.998
64.1
0.139
54.8
0.480
–37.6
1100.000
0.420
174.2
1.839
60.7
0.149
57.9
0.470
–40.5
1200.000
0.423
166.0
1.734
55.6
0.160
57.7
0.451
–43.1
1300.000
0.423
160.6
1.652
51.4
0.175
58.4
0.437
–45.8
1400.000
0.422
156.6
1.509
47.4
0.180
58.9
0.425
–48.2
1500.000
0.442
153.2
1.420
42.3
0.194
58.2
0.420
–51.1
1600.000
0.460
149.5
1.332
41.4
0.203
61.4
0.414
–54.9
1700.000
0.478
144.2
1.249
38.5
0.216
60.9
0.407
–59.1
1800.000
0.494
140.1
1.244
36.4
0.236
62.5
0.395
–64.2
1900.000
0.502
136.6
1.197
33.2
0.254
61.4
0.385
–68.4
2000.000
0.515
133.5
1.181
27.9
0.273
59.3
0.375
–73.2
VCE = 5 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.000
0.548
–77.8
15.356
126.9
0.032
64.6
0.742
–26.0
200.000
0.427
–116.4
9.522
105.5
0.043
59.2
0.562
–27.7
300.000
0.372
–138.7
6.709
93.9
0.057
59.2
0.483
–27.0
400.000
0.355
–153.1
5.100
87.1
0.067
62.7
0.449
–24.9
500.000
0.354
–163.7
4.127
81.0
0.078
63.7
0.423
–23.8
600.000
0.357
–173.0
3.574
77.9
0.092
66.7
0.419
–23.6
700.000
0.357
178.8
3.187
71.9
0.104
66.4
0.411
–23.6
800.000
0.360
173.6
2.864
68.1
0.120
66.8
0.412
–25.5
900.000
0.366
169.6
2.517
63.6
0.130
67.8
0.410
–27.5
1000.000
0.389
165.3
2.302
59.7
0.144
66.7
0.400
–31.0
1100.000
0.410
160.4
2.114
56.9
0.156
67.8
0.391
–33.9
1200.000
0.419
154.0
1.984
52.4
0.168
66.5
0.378
–36.7
1300.000
0.423
149.9
1.889
48.3
0.185
66.4
0.366
–39.1
1400.000
0.426
147.0
1.714
44.7
0.192
65.6
0.356
–41.5
1500.000
0.446
144.7
1.607
39.6
0.207
64.3
0.352
–44.3
1600.000
0.465
142.2
1.505
39.3
0.218
66.4
0.347
–48.1
1700.000
0.485
137.9
1.405
36.5
0.231
65.2
0.341
–52.3
1800.000
0.504
134.6
1.395
34.5
0.251
66.0
0.330
–57.5
1900.000
0.513
131.7
1.337
31.5
0.270
64.5
0.322
–62.1
2000.000
0.529
129.2
1.318
26.4
0.289
62.1
0.313
–67.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com