Electronic Components Datasheet Search
  English  ▼

X  

DT454P Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DT454P
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DT454P Datasheet(HTML) 3 Page - Diodes Incorporated

  DT454P Datasheet HTML 1Page - Diodes Incorporated DT454P Datasheet HTML 2Page - Diodes Incorporated DT454P Datasheet HTML 3Page - Diodes Incorporated DT454P Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
D
S11613 Rev. C-4
3 of 4
DT454P
0
-5
-10
-15
-20
-25
-30
0-1
-2
-3
-4
-5
V , DRAIN-SOURCE VOLTAGE (V)
Fig. 1, On-Region Characteristics
DS
V
= -10V
GS
-6.0
-5.0
-4.5
-4.0
-3.5
-3.0
0
-4
-8
-12
-16
-20
-1
-2
-3
-4
-5
V
= -10V
DS
T = -55 C
J
25
125
-V , GATE TO SOURCE VOLTAGE (V)
Fig. 4, Transfer Characteristics
GS
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100 125 150
T JUNCTION TEMPERATURE ( C)
Fig. 3, On-Resistance vs Temperature
j
I = -5.9A
V
= -10V
D
GS
0.5
1.0
1.5
2.0
2.5
3.0
0
-4
-8
-12
-16
-20
I , DRAIN CURRENT (A)
Fig. 2, On-Resistance vs Drain Current and Gate Voltage
D
V
= -3.5V
GS
-4.0
-4.5
-5.0
-6.0
-10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com