Electronic Components Datasheet Search
  English  ▼

X  

DT454P Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DT454P
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DT454P Datasheet(HTML) 4 Page - Diodes Incorporated

  DT454P Datasheet HTML 1Page - Diodes Incorporated DT454P Datasheet HTML 2Page - Diodes Incorporated DT454P Datasheet HTML 3Page - Diodes Incorporated DT454P Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D
S11613 Rev. C-4
4 of 4
DT454P
0.01
0.1
1
10
30
0.1
1
10
50
-V , DRAIN-SOURCE VOLTAGE (V)
Fig. 5, Maximum Safe Operating Area
DS
R
LIMIT
DS(ON)
100
s
1ms
10ms
100ms
1s
10s
dc
V
= -10V
SINGLE PULSE
GS
R
= See Note 1c
T = 25 C
qJA
A
0.001
0.01
0.1
1.0
0.0001
0.001
0.01
0.1
1.0
10
100
t , SQUARE WAVE PULSE DURATION (seconds)
Fig. 6, Typical Normalized Transient Thermal Impedance Curves
1
1000
3000
Single Pulse
0.01
0.05
0.1
0.2
0.02
D = 0.5
t1
t2
P(pk)
T - T = P b R
(t)
Duty Cycle,D=t /t
J
A
PK
QJA
12
R
(t) = r(t) b R
R
= See Note 1c
QJA
QJA
QJA
Remark: Thermal characterization performed under conditions
described in note 1c. Transient thermal response will change
depending on the circuit board design.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com