Electronic Components Datasheet Search
  English  ▼

X  

42640-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 42640-2
Description  FASTON Receptacles
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

42640-2 Datasheet(HTML) 2 Page - Tyco Electronics

  42640-2 Datasheet HTML 1Page - Tyco Electronics 42640-2 Datasheet HTML 2Page - Tyco Electronics 42640-2 Datasheet HTML 3Page - Tyco Electronics 42640-2 Datasheet HTML 4Page - Tyco Electronics 42640-2 Datasheet HTML 5Page - Tyco Electronics 42640-2 Datasheet HTML 6Page - Tyco Electronics 42640-2 Datasheet HTML 7Page - Tyco Electronics 42640-2 Datasheet HTML 8Page - Tyco Electronics 42640-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
11
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
312 Series Receptacles
Straight Receptacles,
Insulation Support
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
18-14
A
.032
.090-.130
Brass
.016
.900
—
X
X
62092-1
0.81
2.29-3.30
0.41
22.86
A
.032
.110-.210
or (2)
.110
Brass,
.016
.900
—
X
X
61399-1
0.81
2.79-5.33
2.79
Tin Plated
0.41
22.86
16-12
Brass,
.016
.900
—
X
X
63677-1
B
.032
.110-.210
or (2)
.110
Tin Plated
0.41
22.86
0.81
2.79-5.33
2.79
Brass
.016
.900
—
X
X
63677-2
0.41
22.86
14-10
A
.032
.150-.200
Brass,
.018
.900
—
X
X
63820-1
0.81
3.81-5.08
Silver Plated
0.46
22.86
.387
[9.83]
.237
[6.02]
Dimple
(Both Sides)
.032
[0.81]
.312
[7.92]
.380
[9.65]
.357
[9.07]
.120
[3.05]
L
Mating 312 Series Tab Dimensions
Dimple (Both Sides)
A — Premier Line
R
R
R
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
26-22
C
.032
.040-.060
Brass
.016
.755
1
X1
—
1
X1
61202-1
0.81
1.02-1.52
0.41
19.18
24-20
A
.032
.030-.070
Brass,
.016
.755
1
X2
—
1
X2
61368-1
0.81
0.76-1.78
Tin Plated
0.41
19.18
.032
.060-.100
Brass
.016
.755
X—
1
X
42640-1
0.81
1.52-2.54
0.41
19.18
.032
.060-.100
Brass,
.016
.755
X
—
X
42640-2
A
0.81
1.52-2.54
Tin Plated
0.41
19.18
.032
.090-.130
Brass
.016
.755
X
—
X
41771
0.81
2.29-3.30
0.41
19.18
.032
.090-.130
Brass,
.016
.755
X
—
X
41772
0.81
2.29-3.30
Tin Plated
0.41
19.18
22-18
.032
.090-.130
Brass
.016
.755
X
—
X
42510-1
B
0.81
2.29-3.30
0.41
19.18
.032
.090-.130
Brass,
.016
.755
X
—
X
42510-2
0.81
2.29-3.30
Tin Plated
0.41
19.18
.032
.090-.130
Brass
.016
.755
X
—
X
42743-1
C
0.81
2.29-3.30
0.41
19.18
.032
.090-.130
Brass,
.016
.755
X
—
X
42743-2
0.81
2.29-3.30
Tin Plated
0.41
19.18
D
.032
.090-.130
Brass
.016
.755
—
—
—
63127-1
0.81
2.29-3.30
0.41
19.18
250 Series Receptacles
A — Premier Line
B — Budget Line
.305
[7.75]
.300
[7.62]
L
Straight Receptacles,
Insulation Support
.305
[7.75]
.300
[7.62]
L
1
UL listed and CSA certified for 22 AWG.
4
9,600 CMA max.
7
Recommended for external use only.
2
UL listed and CSA certified for 22-20 AWG.
5
UL/CSA - 10 AWG only.
8
Recommended for internal or external use.
3
Mates with a .020 [0.51] thick tab.
6
Stress relieved.
R
R
R
D — Moldable Line
.305
[7.75]
.300
[7.62]
L
C — Economy Line
.305
[7.75]
.300
[7.62]
L
Note: All part numbers are RoHS compliant.
.380
[9.65]
L
.357
[9.07]
B — Low Insertion Force



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com