Electronic Components Datasheet Search
  English  ▼

X  

42640-2 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 42640-2
Description  FASTON Receptacles
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

42640-2 Datasheet(HTML) 5 Page - Tyco Electronics

  42640-2 Datasheet HTML 1Page - Tyco Electronics 42640-2 Datasheet HTML 2Page - Tyco Electronics 42640-2 Datasheet HTML 3Page - Tyco Electronics 42640-2 Datasheet HTML 4Page - Tyco Electronics 42640-2 Datasheet HTML 5Page - Tyco Electronics 42640-2 Datasheet HTML 6Page - Tyco Electronics 42640-2 Datasheet HTML 7Page - Tyco Electronics 42640-2 Datasheet HTML 8Page - Tyco Electronics 42640-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
14
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
250 Series Receptacles (Continued)
.032
.150-.200
Brass,
.018
.775
X
—
X
62428-2
12-10
A
0.81
3.81-5.08
Tin Plated
0.46
19.69
.032
.150-.200
Phos Brz,
.018
.775
X
—
X
62428-3
0.81
3.81-5.08
Tin Plated
0.46
19.69
.230-.280
or
10-8
A
.032
5.84-7.11 .
Brass,
.018
.775
X
—
X
62998-25
0.81
(2)
.160
Tin Plated
0.46
19.69
4.06
1
UL listed and CSA certified for 22 AWG.
4
9,600 CMA max.
7
Recommended for external use only.
2
UL listed and CSA certified for 22-20 AWG.
5
UL/CSA - 10 AWG only.
8
Recommended for internal or external use.
3
Mates with a .020 [0.51] thick tab.
6
Stress relieved.
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
A — Premier Line
.305
[7.75]
.300
[7.62]
L
R
R
R
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
.032
.060-.100
Brass
.015
.770
X
—
X
61988-1
0.81
1.52-2.79
0.38
19.56
22-18
A
.032
.060-.100
Brass,
.015
.770
X
—
X
61988-2
0.81
1.52-2.79
Tin Plated
0.38
19.56
.032
.060-.100
Brass,
.015
.770
X
—
X
61988-32
0.81
1.52-2.79
Tin Plated
0.38
19.56
.032
.120-.170
Brass
.015
.770
X
—
X
61944-1
0.81
3.05-4.32
0.38
19.56
.032
.120-.170
Brass,
.015
.770
X
—
X
61944-2
0.81
3.05-4.32
Tin Plated
0.38
19.56
.032
.120-.170
Brass
.032-.016
.770
X
—
X
62109-11
A
0.81
3.05-4.32
0.81-0.41
19.56
18-14
.032
.120-.170
Brass,
.032-.016
.770
X
—
X
62109-21
0.81
3.05-4.32
Tin Plated
0.81-0.41
19.56
.032
.120-.170
Brass
.015
.770
X
—
X
62223-12
0.81
3.05-4.32
0.38
19.56
.032
.120-.170
Brass,
.015
.770
X
—
X
62223-22
0.81
3.05-4.32
Tin Plated
0.38
19.56
B
.032
—
Pre-Tin Brass
.015
.610
X
—
X
62276-1
0.81
0.38
15.49
.032
.150-.200
Brass
.015
.770
X
—
X
62253-13
0.81
3.81-5.08
0.38
19.56
A
.032
.150-.200
Brass,
.015
.770
X
—
X
62253-23
14-10
0.81
3.81-5.08
Tin Plated
0.38
19.56
.032
.150-.200
Brass,
.032-.016
.770
X
—
X
1217043-11,3
0.81
3.81-5.08
Tin Plated
0.81-0.41
19.56
B
.032
—
Pre-Tin Brass
.015
.610
X
—
X
62068-13
0.81
0.38
15.49
1
Dual Thickness.
2
Stress relieved.
3
9600 CMA Max.
Receptacle and Tab
Combinations
A — Economy Line
R
R
R
B — Economy Line
Non-Insulation Support
.305
[7.75]
L
.300
[7.62]
.305
[7.75]
.300
[7.62]
L
Straight Receptacles,
Insulation Support (Continued)
Note: All part numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com