Electronic Components Datasheet Search
  English  ▼

X  

41771 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 41771
Description  FASTON Receptacles
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

41771 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 41771 Datasheet HTML 3Page - Tyco Electronics 41771 Datasheet HTML 4Page - Tyco Electronics 41771 Datasheet HTML 5Page - Tyco Electronics 41771 Datasheet HTML 6Page - Tyco Electronics 41771 Datasheet HTML 7Page - Tyco Electronics 41771 Datasheet HTML 8Page - Tyco Electronics 41771 Datasheet HTML 9Page - Tyco Electronics 41771 Datasheet HTML 10Page - Tyco Electronics 41771 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
16
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
250 Series Tab-Lok Flags (Continued)
Flag Receptacles,
Insulation Support (Continued)
D — Moldable Line
.300
[7.62]
.305
[7.75]
L
E — Low Insertion Force
(LIF)
.300
[7.62]
.305
[7.75]
L
.032
.110-.210
Brass
.018
.670
X
—
X
60645-12
D
0.81
2.79-5.33
0.46
17.02
.032
.110-.210
Brass
.016
.670
X
—
X
60641-1
0.81
2.79-5.33
0.41
17.02
.032
.110-.210
Brass
.016
.670
X
—
X
63445-1
0.81
2.79-5.33
0.41
17.02
.032
.110-.210
Brass,
.016
.670
X
—
X
63445-2
0.81
2.79-5.33
Tin Plated
0.41
17.02
.032
.110-.210
Brass,
.016
.670
X
—
X
63445-42
E
0.81
2.79-5.33
Tin Plated
0.41
17.02
.032
.110-.210
Steel,
.016
.670
—X1
X1
63604-12
0.81
2.79-5.33
Nickel Plated
0.41
17.02
.032
.110-.210
Brass
.018
.670
X
—
X
63555-12
0.81
2.79-5.33
0.46
17.02
18-12
.032
.110-.210
Brass,
.018
.670
X
—
X
63555-22
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.210
Phos Bronze,
.018
.670
X
—
X
418004
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.210
Brass
.018
.670
X
—
X
418013
0.81
2.79-5.33
0.46
17.02
.032
.110-.210
Brass,
.018
.670
X
—
X
418023
F
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.210
Phos Bronze,
.018
.670
X
—
X
420414
0.81
2.79-5.33
Silver Plated
0.46
17.02
.032
.110-.210
Phos Bronze,
.018
.670
X
—
X
60274-24,5
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.210
Phos Bronze,
.018
.670
X
—
X
63651-14,6
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.210
Steel,
.016
.670
—
X
—
1742543-17
G
0.81
2.79-5.33
Nickel Plated
0.41
17.02
.032
.110-.210
Brass,
.018
.670
X
—
X
60851-13
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.210
Brass,
.018
.670
X
—
X
60851-23
0.81
2.79-5.33
Silver Plated
0.46
17.02
.032
.110-.210
Brass
.018
.670
X
—
X
60851-43
0.81
2.79-5.33
0.46
17.02
12-10
F
.032
.110-.210
Phos Bronze,
.018
.670
X
—
X
42563-64
0.81
2.79-5.33
Silver Plated
0.46
17.02
.032
.110-.210
Steel,
.018
.670
—
—
—
42563-9
0.81
2.79-5.33
Nickel Plated
0.46
17.02
.032
.110-.210
Phos Bronze,
.018
.670
X
—
X
42563-84
0.81
2.79-5.33
Tin Plated
0.46
17.02
.032
.110-.265
Brass
.018
.670
X
—
X
63617-16
0.81
2.79-6.73
0.46
17.02
1
18 AWG only.
2
Stress relieved.
3
Recommended for external use only.
4
For internal or external use.
5
Left handed flag.
6
Non-stress relieved.
7
UL Recognized 14-18 AWG.
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
R
R
R
F — Premier Line
for Hermetic Tabs
.318
[8.08]
.305
[7.75]
L
Note: All part numbers are RoHS compliant.
G — Low Insertion Force
(LIF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com