Electronic Components Datasheet Search
  English  ▼

X  

41771 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 41771
Description  FASTON Receptacles
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

41771 Datasheet(HTML) 1 Page - Tyco Electronics

  41771 Datasheet HTML 1Page - Tyco Electronics 41771 Datasheet HTML 2Page - Tyco Electronics 41771 Datasheet HTML 3Page - Tyco Electronics 41771 Datasheet HTML 4Page - Tyco Electronics 41771 Datasheet HTML 5Page - Tyco Electronics 41771 Datasheet HTML 6Page - Tyco Electronics 41771 Datasheet HTML 7Page - Tyco Electronics 41771 Datasheet HTML 8Page - Tyco Electronics 41771 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
10
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
FASTON Receptacles
TE offers a full line of
uninsulated quick connects.
We offer products for a wide
variety of applications in
almost every market and
industry we serve. It is
important to choose the cor-
rect terminal for each appli-
cation. The following is a
list of application specific
characteristics that must be
considered when determin-
ing the best terminal for
each individual application.
Mating Tab
Size (312, 250, 205, 187,
110, etc.)
Wire Type
Magnet or stranded
Wire Orientation
Straight or flag
Temperature/Environment
Base metal plating
requirements
Insulator required
Pre-insulated housing
required
Agency Approvals
(UL/CSA)
Application
Continuous strip or
loose piece
Special Applications
Moldable
Hermetic
Printed circuit board
Piggyback (straight/flag)
Reversible flags
Center strip
Positive locking
Product Facts
■ Full line of premier, budget,
LIF, moldable and hermetic
uninsulated receptacles
■ Straight, right-angle and
receptacle and tab
combinations available
■ Receptacles available in
.312, .250, .205, .187, .125
and .110 sizes
■ Available in 8-30 AWG wire
ranges
■ Receptacles mate with .032
and .020 thick tabs
■ Available with or without
secondary wire support
■ Base materials brass,
phosphor bronze and steel
available
■ Tin, silver and nickel plated
products available
■ Products designed and
manufactured to meet UL
310 specifications
■ Products designed and
manufactured to meet CSA
C22.2 specifications


Similar Part No. - 41771

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41771 MOLEX-41771 Datasheet
806Kb / 2P
KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
41771-0002 MOLEX3-41771-0002 Datasheet
247Kb / 8P
3.96mm (.156") Pitch KK Solid Header, Vertical, without Peg, 2 Circuits, Tin (Sn) Plating
41771-0002 MOLEX11-41771-0002 Datasheet
70Kb / 2P
KK짰 396 Header, Vertical, without Peg, 2 Circuits, Tin (Sn) Plating
41771-0003 MOLEX3-41771-0003 Datasheet
247Kb / 8P
3.96mm (.156") Pitch KK짰 Solid Header, Vertical, without Peg, 3 Circuits, Tin (Sn) Plating
41771-0003 MOLEX11-41771-0003 Datasheet
70Kb / 2P
KK짰 396 Header, Vertical, without Peg, 3 Circuits, Tin (Sn) Plating
More results

Similar Description - 41771

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1742881-1 MACOM-1742881-1 Datasheet
49Kb / 1P
RECEPTACLE, FASTON, FLAG
1742882-1 MACOM-1742882-1 Datasheet
50Kb / 1P
RECEPTACLE, FASTON
60252-1 MACOM-60252-1 Datasheet
48Kb / 1P
RECEPTACLE, FASTON, SPECIAL
726386 MACOM-726386 Datasheet
50Kb / 1P
FASTON TAB 6.3X0.8
1-480417-0 MACOM-1-480417-0 Datasheet
43Kb / 1P
HOUSING, RECEPTACLE,FASTON
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
FASTON Receptacles
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
FASTON Printed Circuit Board Tabs and Receptacles
logo
Tyco Electronics
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com