Electronic Components Datasheet Search
  English  ▼

X  

EP5358XUI Datasheet(PDF) 5 Page - Altera Corporation

Part # EP5358XUI
Description  600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5358XUI Datasheet(HTML) 5 Page - Altera Corporation

  EP5358XUI Datasheet HTML 1Page - Altera Corporation EP5358XUI Datasheet HTML 2Page - Altera Corporation EP5358XUI Datasheet HTML 3Page - Altera Corporation EP5358XUI Datasheet HTML 4Page - Altera Corporation EP5358XUI Datasheet HTML 5Page - Altera Corporation EP5358XUI Datasheet HTML 6Page - Altera Corporation EP5358XUI Datasheet HTML 7Page - Altera Corporation EP5358XUI Datasheet HTML 8Page - Altera Corporation EP5358XUI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
EP5358LUI/EP5358HUI
Typical Performance Characteristics
Efficiency vs. Load Current: VIN = 5.0V, VOUT (from
top to bottom) = 3.3, 2.5, 1.8, 1.2V
Efficiency vs. Load Current: VIN = 3.7V, VOUT (from
top to bottom) = 2.5, 1.8, 1.2V
Efficiency vs. Load Current: VIN = 3.3V, VOUT (from
top to bottom) = 2.5, 1.8, 1.2V
Start Up Waveform: VIN = 5.0V, VOUT = 3.3V;
ILOAD = 10mA (VID MODE)
Start Up Waveform: VIN = 5.0V, VOUT = 3.3V;
ILOAD = 500mA (VID MODE)
45
50
55
60
65
70
75
80
85
90
95
0
200
400
600
Load Current (mA)
45
50
55
60
65
70
75
80
85
90
95
0
200
400
600
Load Current (mA)
45
50
55
60
65
70
75
80
85
90
95
0
200
400
600
Load Current (mA)
www.altera.com/enpirion Page 5
03541
October 11, 2013
Rev F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com