Electronic Components Datasheet Search
  English  ▼

X  

EP5358XUI Datasheet(PDF) 16 Page - Altera Corporation

Part # EP5358XUI
Description  600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP5358XUI Datasheet(HTML) 16 Page - Altera Corporation

Back Button EP5358XUI Datasheet HTML 8Page - Altera Corporation EP5358XUI Datasheet HTML 9Page - Altera Corporation EP5358XUI Datasheet HTML 10Page - Altera Corporation EP5358XUI Datasheet HTML 11Page - Altera Corporation EP5358XUI Datasheet HTML 12Page - Altera Corporation EP5358XUI Datasheet HTML 13Page - Altera Corporation EP5358XUI Datasheet HTML 14Page - Altera Corporation EP5358XUI Datasheet HTML 15Page - Altera Corporation EP5358XUI Datasheet HTML 16Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
EP5358LUI/EP5358HUI
Package and Mechanical
Figure 12: EN5358xUI Package Dimensions
Contact Information
Altera Corporation
101 Innovation Drive
San Jose, CA 95134
Phone: 408-544-7000
www.altera.com
© 2013 Altera Corporation—Confidential. All rights reserved. ALTERA, ARRIA, CYCLONE, ENPIRION, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX
words and logos are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its semiconductor
products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and services at any time without
notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service described herein except as expressly agreed to in
writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying on any published information and before placing orders for
products or services.
www.altera.com/enpirion Page 16
03541
October 11, 2013
Rev F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com