Electronic Components Datasheet Search
  English  ▼

X  

PS2-221B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS2-221B
Description  Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2-221B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS2-221B Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 6Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 7Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 8Page - List of Unclassifed Manufacturers PS2-221B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MINIATURE SWITCHES
Litho in U.S.A GG
5
SPECIFICATIONS
Contact Rating — Letter codes G and Q — 5 amp
resistive @ 125 VAC or 28 VDC.
Letter codes B and G — 0.4 volts-amps (VA)
maximum @ 28 VAC or DC.
Contact Resistance — 50 milliohms maximum.
Insulation Resistance — 1,000 megohms minimum.
Dielectric Strength — 1,000 volts RMS minimum at
sea level.
Electrical Life — 60,000 cycles minimum at full
load.
Maximum Allowable Installation Force on Plunger
— 10 pounds.
MATERIALS
Case — Diallyl Phthalate.
Bushing — Brass, nickel plated.
Housing — Stainless steel.
Plunger — Thermoplastic.
Common Contact — Refer to contact material
table above.
Center & End Contact — Refer to contact material
table above.
Description
P/N
Color
W-KN-16
Black
W-KN-16A
White
W-KN-16B
Red
W-KN-32
Black
W-KN-32A
White
W-KN-32B
Red
W-KN-17
Black
W-KN-17A
White
W-KN-17B
Red
W-KN-18
Black
W-KN-18A
White
W-KN-18B
Red
Square Cap
.450
Large Cap
.375
Medium Cap
.310
Small Cap
.200
Basic P/N
Terminal Type
Poles
Cap Size
Cap Color
Contact Material-Type
0 - No Cap
0 - No Cap
B - Gold/Nickel/Brass
1 - .200 Dia.
1 - Black
G - Gold/Nickel/Silver
PS
5 - Rt. Angle P.C. Mount
1 - One
2 - .375 Dia.
2 - White
Q - Coin Silver
6 - Rt. Angle P.C. Mount
3 - .450 Sq.
3 - Red
4 - .310 Dia.
Rating is 5 amps — 125 VAC or 28 VDC.
Ratings are 0.4 VA — 28 VAC or DC.
ORDERING EXAMPLES:
PS5-100G = (Rt. Angle P.C. mount 5 amp.) One-pole
No Cap
No Color
Silver Contacts
PS
5
-
1
0
0
G
PS6-121Q = (Rt. Angle P.C. mount 5 amp.) One-pole
.375 Dia.
Black Cap
Coin Silver Contacts
PS
6
-
1
2
1
Q
Gold/Nickel/
PS6
VIEW A-A
Sensitive Snap-Action Pushbutton Switches —
P.C. Terminals (Momentary Action)
RIGHT ANGLE MOUNT IN P.C. BOARDS (HORIZONTAL)
PS5
VIEW A-A
PS
SERIES
5 AMP. (S.P.)
0.4VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com